Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2240 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2240
Description  Programmable Timer/Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2240 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2240 Datasheet HTML 1Page - National Semiconductor (TI) LM2240 Datasheet HTML 2Page - National Semiconductor (TI) LM2240 Datasheet HTML 3Page - National Semiconductor (TI) LM2240 Datasheet HTML 4Page - National Semiconductor (TI) LM2240 Datasheet HTML 5Page - National Semiconductor (TI) LM2240 Datasheet HTML 6Page - National Semiconductor (TI) LM2240 Datasheet HTML 7Page - National Semiconductor (TI) LM2240 Datasheet HTML 8Page - National Semiconductor (TI) LM2240 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH10837
August 1990
LM2240
Programmable TimerCounter
General Description
The LM2240 Programmable TimerCounter is a monolithic
controller capable of both monostable and astable opera-
tion Monostable operation allows accurate microsecond to
five day time delays Long delays up to three years can
easily be generated by cascading two timers The timer con-
sists of a time-base oscillator programmable 8-bit counter
and control flip-flop An external resistor-capacitor (RC) net-
work sets the oscillator frequency and allows delay times
from 1 RC to 255 RC to be selected In the astable mode of
operation a single RC network sets the base frequency
The frequencies of the squarewaves at the 8 outputs are
each at different factors of 2 from the base frequency If 2 or
more of the outputs are shorted together various pulse pat-
terns can be generated These frequencies or pulse pat-
terns can also easily be synchronized to an external signal
The trigger reset and outputs are all TTL and CMOS com-
patible for easy interface with digital systems The timer’s
high accuracy and versatility in producing a wide range of
time delays makes it ideal as a direct replacement for me-
chanical or electromechanical devices
Features
Y
Accurate timing from microseconds to days
Y
Programmable delays from 1 RC to 255 RC
Y
TTL and CMOS compatible outputs
Y
Timing directly proportional to RC time constant
Y
High accuracy
Y
External sync and modulation capability
Y
Wide supply voltage range
Y
Excellent supply voltage rejection
Connection Diagram
16-Lead Molded DIP
TLH10837 – 1
Top View
See NS Package Number N16E
Order Number LM2240N
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM2240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM224 PHILIPS-LM224 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM224 STMICROELECTRONICS-LM224 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
logo
Fairchild Semiconductor
LM224 FAIRCHILD-LM224 Datasheet
139Kb / 12P
Quad Operational Amplifier
2002 Rev. 1.0.4
logo
ON Semiconductor
LM224 ONSEMI-LM224 Datasheet
129Kb / 12P
Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
logo
Texas Instruments
LM224 TI-LM224 Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

Similar Description - LM2240

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51849L MITSUBISHI-M51849L Datasheet
114Kb / 4P
COUNTER TIMER
logo
Panasonic Semiconductor
MN101C38A PANASONIC-MN101C38A Datasheet
359Kb / 3P
Timer Counter
logo
List of Unclassifed Man...
C8254 ETC-C8254 Datasheet
290Kb / 6P
PROGRAMMABLE TIMER /COUNTER MEGAFUNCTION
logo
Exar Corporation
XR-2240 EXAR-XR-2240 Datasheet
215Kb / 3P
PROGRAMMABLE TIMER / COUNTER
logo
Zilog, Inc.
Z84C3006PEC ZILOG-Z84C3006PEC Datasheet
840Kb / 16P
COUNTER/TIMER CIRCUIT
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-230VAC PF-KC-LCD-48-1R-230VAC Datasheet
1Mb / 3P
Timer, Counter
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KC-LCDC-48-6T-230VAC PF-KC-LCDC-48-6T-230VAC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
Counter/Timer/Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com