Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526TL
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526TL Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LP5526TL Datasheet HTML 17Page - National Semiconductor (TI) LP5526TL Datasheet HTML 18Page - National Semiconductor (TI) LP5526TL Datasheet HTML 19Page - National Semiconductor (TI) LP5526TL Datasheet HTML 20Page - National Semiconductor (TI) LP5526TL Datasheet HTML 21Page - National Semiconductor (TI) LP5526TL Datasheet HTML 22Page - National Semiconductor (TI) LP5526TL Datasheet HTML 23Page - National Semiconductor (TI) LP5526TL Datasheet HTML 24Page - National Semiconductor (TI) LP5526TL Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Backlight Driver Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typical
Max
Units
I
MAX
Maximum Sink Current
25.5
30
mA
I
LEAKAGE
Leakage Current
V
SUB, MAIN =20V
0.003
1
µA
I
MAIN
I
SUB
MAIN Current tolerance
SUB Current tolerance
I
MAIN and ISUB set to 12.8mA (80H)
11.1
12.8
14.1
mA
%
Match
MAIN-SUB
Sink Current Matching Error
I
SINK=12.8mA, DISPL=1
0.2
%
Match
MAIN-SUB
Sink Current Matching Error
I
SINK=12.8mA, DISPL=0
5
%
V
SAT
95% Saturation Voltage
I
SINK=25.5mA
400
500
650
mV
Note: Matching is the maximum difference from the average.
WLED Dimming, SLOPE=0
WLED Dimming, SLOPE=1
20179739
20179740
WLED Output Current vs. Voltage
20179792
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com