Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526TL
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526TL Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LP5526TL Datasheet HTML 25Page - National Semiconductor (TI) LP5526TL Datasheet HTML 26Page - National Semiconductor (TI) LP5526TL Datasheet HTML 27Page - National Semiconductor (TI) LP5526TL Datasheet HTML 28Page - National Semiconductor (TI) LP5526TL Datasheet HTML 29Page - National Semiconductor (TI) LP5526TL Datasheet HTML 30Page - National Semiconductor (TI) LP5526TL Datasheet HTML 31Page - National Semiconductor (TI) LP5526TL Datasheet HTML 32Page - National Semiconductor (TI) LP5526TL Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
LP5526 Register Bit Explanations (Continued)
RGB MAX CURRENT (02H) – MAXIMUM RGB CURRENT CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
SAFETY_SET
IR[1:0]
IG[1:0]
IB[1:0]
R-0
R-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
SAFETY_SET
Bit 7
0 – safety function not activated
1 – safety function activated
IR[1:0]
Bits 5-4
RLED maximum current
IG[1:0]
Bits 3-2
GLED maximum current
IB[1:0]
Bits 1-0
BLED maximum current
Maximum current for RGB driver
IR,IG,IB[1:0]
Maximum output current
00
0.25 x I
MAX
01
0.50 x I
MAX
10
0.75 x I
MAX
11
1.00 x I
MAX
WLED CONTROL (03H) – WLED CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
SLOPE
FADE_SEL
EN_FADE
DISPL
EN_MAIN
EN_SUB
R-0
R-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
SLOPE
Bit 5
0 – fade execution time 0.65 sec (full scale)
1 – fade execution time 1.3 sec (full scale)
FADE_SEL
Bit 4
0 – fade control for MAIN
1 – fade control for SUB
EN_FADE
Bit 3
0 – automatic fade disabled
1 – automatic fade enabled
DISPL
Bit 2
0 - MAIN and SUB individual control
1 - MAIN and SUB controlled with MAIN DAC
EN_MAIN
Bit 1
0 – MAIN output disabled
1 – MAIN output enabled
EN_SUB
Bit 0
0 – SUB output disabled
1 – SUB output enabled
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com