Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526TL
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526TL Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LP5526TL Datasheet HTML 11Page - National Semiconductor (TI) LP5526TL Datasheet HTML 12Page - National Semiconductor (TI) LP5526TL Datasheet HTML 13Page - National Semiconductor (TI) LP5526TL Datasheet HTML 14Page - National Semiconductor (TI) LP5526TL Datasheet HTML 15Page - National Semiconductor (TI) LP5526TL Datasheet HTML 16Page - National Semiconductor (TI) LP5526TL Datasheet HTML 17Page - National Semiconductor (TI) LP5526TL Datasheet HTML 18Page - National Semiconductor (TI) LP5526TL Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Functionality of Color LED
Outputs (RLED, GLED, BLED)
(Continued)
FLASH LED DRIVING USING RGB DRIVERS
RGB drivers can be connected in parallel and used as a
flash LED driver (see Typical application 2). Flash LEDs can
be powered through the boost converter. Flash LEDs are
controlled basically the same way as RGB LEDs controlling
is previously described. Additional safety mode is introduced
for FLASH LED driving to avoid prolonged flash and damage
to application. FLASH can be done in 3 different ways:
1.
Using external PWM control
2.
Controlling RGB max current register values
3.
Using Flash mode
1. Using External PWM control
In this case pre-flash brightness is adjusted by adjusting the
pulse width of PWM signal
•
Enable external PWM pin by writing EN_PWM_PIN bit
high
•
Use EN_EXT_R_PWM, EN_EXT_G_PWM and EN-
_EXT_B_PWM bits to select, which LED outputs are
controlled by the external PWM control. Output which
external PWM control is not selected will be on constantly
regardless of the state of the external PWM pin.
•
Enable RGB constant current mode, if external ballast
resistors are not used (CC_SW = 0)
•
Disable internal RGB PWM mode (RGB_PWM = 0)
•
Write wanted maximum current values for each output to
RGB max current register (e.g. 11b for maximum current)
•
Enable RGB functions (EN_RGB = 1, RSW= 1, GSW= 1,
BSW=1)
•
Use external PWM control pin (GPIO[0]/PWM) to intro-
duce pre-flash and flash.
20179702
Using External PWM Control for Flash
2. Controlling RGB Max Current Register Values
In this case pre-flash brightness is adjusted by adjusting the
current values in the RGB max current register. Note that in
this mode flash control speed and timing depends on the I
2C
communication speed.
•
Enable RGB functions and disable PWM mode (EN-
_RGB = 1, RGB_PWM = 0)
•
Enable RGB constant current mode (CC_SW = 0)
•
Write pre-flash values for each output to RGB max cur-
rent register (e.g. 00b for 25% of maximum current)
•
Start pre-flash by switching on the LEDs (RSW = 1, GSW
= 1, BSW = 1). Pre-flash brightness can be adjusted also
by setting on only one or two LEDs during the pre-flash
•
Start flash by writing each output maximum current val-
ues to RGB max current register
•
Stop flash by switching off the LEDs (RSW = 0, GSW = 0,
BSW=0)
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com