Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526TL
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526TL Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button LP5526TL Datasheet HTML 25Page - National Semiconductor (TI) LP5526TL Datasheet HTML 26Page - National Semiconductor (TI) LP5526TL Datasheet HTML 27Page - National Semiconductor (TI) LP5526TL Datasheet HTML 28Page - National Semiconductor (TI) LP5526TL Datasheet HTML 29Page - National Semiconductor (TI) LP5526TL Datasheet HTML 30Page - National Semiconductor (TI) LP5526TL Datasheet HTML 31Page - National Semiconductor (TI) LP5526TL Datasheet HTML 32Page - National Semiconductor (TI) LP5526TL Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
LP5526 Register Bit Explanations (Continued)
ENABLES (0BH) – ENABLES REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
NSTBY
EN_BOOST
EN_FLASH
EN_AUTOLOAD
R-0
RW-0
RW-0
R-0
RW-0
RW-1
R-0
R-0
NSTBY
Bit 6
0 – LP5526 standby mode
1 – LP5526 active mode
EN_BOOST
Bit 5
0 – Boost converter disabled
1 – Boost converter enabled
EN_FLASH
Bit 3
0 – Flash function disabled
1 – Flash function enabled
EN_AUTOLOAD
Bit 2
0 – Boost active load disabled
1 – Boost active load enabled
BOOST OUTPUT (0DH) – BOOST OUTPUT VOLTAGE CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
BOOST[7:0]
RW-0
RW-0
RW-0
RW-0
RW-1
RW-0
RW-0
RW-0
BOOST output voltage adjustment
BOOST[7:0]
Typical boost output voltage (V)
0000 1000
8.00
0000 1001
9.00
0000 1010
10.00
0000 1011
11.00
0000 1100
12.00
0000 1101
13.00
0000 1110
14.00
0000 1111
15.00
0001 0000
16.00
0001 0001
17.00
0001 0010
18.00
0001 0011
19.00
0001 0100
20.00
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com