Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526TL
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526TL Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP5526TL Datasheet HTML 9Page - National Semiconductor (TI) LP5526TL Datasheet HTML 10Page - National Semiconductor (TI) LP5526TL Datasheet HTML 11Page - National Semiconductor (TI) LP5526TL Datasheet HTML 12Page - National Semiconductor (TI) LP5526TL Datasheet HTML 13Page - National Semiconductor (TI) LP5526TL Datasheet HTML 14Page - National Semiconductor (TI) LP5526TL Datasheet HTML 15Page - National Semiconductor (TI) LP5526TL Datasheet HTML 16Page - National Semiconductor (TI) LP5526TL Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Functionality of Color LED Outputs (RLED, GLED, BLED) (Continued)
Overlapping Mode
In overlapping mode the brightness is controlled using PWM
duty cycle based control method as the following figure
shows.
20179787
Overlapping Mode
Since RGB outputs are on simuneltaneously, the maximum
load peak current is:
I
MAX = I(RLED)MAX + I(GLED)MAX + I(BLED)MAX
Non-Overlapping Mode
The timing diagram shows the splitted R, G and B and
brightness control effect to splitted parts. Full brightness is
used in the diagram. If for example 1⁄2 brightness is used, the
frame is still 50µs, but all LED outputs’ ON time is 50%
shorter and at the last 25µs all LED outputs are OFF.
20179788
Non-Overlapping Mode
The non-overlapping mode has 16 programmed colors (dif-
ferent R, G and B ratio -> different color). Since the R, G and
B are split in to non-overlapping slots the output current
through the RGB LED can be calculated with following equa-
tion:
I
AVG=(CRxIR+CGxIG+CBxIB)xB
where
C = Color [%] (see table of color control)
B = Brightness [%] (see table of brightness control)
2. LED ON/OFF CONTROL WITH RGB CONTROL
REGISTER
Each LED output can be set ON by writing the corresponding
bit high in the Control register (00H). RSW controls RLED,
GSW controls GLED and BSW controls BLED output. Note
that EN_RGB bit must be high and RGB_PWM bit low. In this
mode, the RGB register (01H) does not have any effect.
CC_SW bit in Control register defines the LED output mode.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com