Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526TL
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526TL Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LP5526TL Datasheet HTML 25Page - National Semiconductor (TI) LP5526TL Datasheet HTML 26Page - National Semiconductor (TI) LP5526TL Datasheet HTML 27Page - National Semiconductor (TI) LP5526TL Datasheet HTML 28Page - National Semiconductor (TI) LP5526TL Datasheet HTML 29Page - National Semiconductor (TI) LP5526TL Datasheet HTML 30Page - National Semiconductor (TI) LP5526TL Datasheet HTML 31Page - National Semiconductor (TI) LP5526TL Datasheet HTML 32Page - National Semiconductor (TI) LP5526TL Datasheet HTML 33Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
LP5526 Register Bit Explanations (Continued)
MAIN CURRENT (04H) – MAIN CURRENT CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
MAIN[7:0]
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
SUB CURRENT (05H) – SUB CURRENT CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
SUB[7:0]
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
MAIN, SUB current adjustment
MAIN[7:0],
SUB[7:0]
Typical driver current (mA)
0000 0000
0
0000 0001
0.1
0000 0010
0.2
0000 0011
0.3
0000 0100
0.4
……
1111 1101
25.3
1111 1110
25.4
1111 1111
25.5
GPIO CONTROL (06H) – GPIO CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
EN_PWM_PIN
OEN[2:0]
R-0
R-0
R-0
RW-0
R-0
RW-0
RW-0
RW-0
EN_PWM_PIN
Bit 4
0 – External PWM pin disabled
1 – External PWM pin enabled
OEN[2:0]
Bits 2-0
0 – GPIO pin set as a input
1 – GPIO pin set as a output
GPIO DATA (07H) – GPIO DATA REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DATA[2:0]
R-0
R-0
R-0
R-0
R-0
RW-0
RW-0
RW-0
DATA[2:0]
Bits 2-0
GPIO data register bits
www.national.com
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com