Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5526TL
Description  Lighting Management Unit with High Voltage Boost Converter with up to 150mA Serial FLASH LED Driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5526TL Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LP5526TL Datasheet HTML 24Page - National Semiconductor (TI) LP5526TL Datasheet HTML 25Page - National Semiconductor (TI) LP5526TL Datasheet HTML 26Page - National Semiconductor (TI) LP5526TL Datasheet HTML 27Page - National Semiconductor (TI) LP5526TL Datasheet HTML 28Page - National Semiconductor (TI) LP5526TL Datasheet HTML 29Page - National Semiconductor (TI) LP5526TL Datasheet HTML 30Page - National Semiconductor (TI) LP5526TL Datasheet HTML 31Page - National Semiconductor (TI) LP5526TL Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
LP5526 Register Bit Explanations
Each register is shown with a key indicating the accessibility of the each individual bit, and the initial condition:
Register Bit Accessibility and Initial Condition
Key
Bit Accessibility
RW
Read/write
R
Read only
–0,–1
Condition after POR
CONTROL REGISTER (00H) – RGB LEDS CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
RGB_PWM
EN_RGB
CC_SW
RSW
GSW
BSW
RW-0
RW-0
RW-1
R-0
RW-0
RW-0
RW-0
R-0
RGB_PWM
Bit 7
0 - Internal RGB PWM control disabled
1 - Internal RGB PWM control enabled
EN_RGB
Bit 6
0 – RGB outputs disabled
1 – RGB outputs enabled
CC_SW
Bit 5
0 – Constant current sink mode
1 – Switch mode
RSW
Bit 3
0 – RLED disabled
1 – RLED enabled
GSW
Bit 2
0 – GLED disabled
1 – GLED enabled
BSW
Bit 1
0 – BLED disabled
1 – BLED enabled
RGB (01H) – RGB COLOR AND BRIGHTNESS CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
COLOR[3:0]
BRIGHT[2:0]
OVL
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
COLOR[3:0]
Bits 7-4
PWM color for RGB outputs
BRIGHT[2:0]
Bits 3-1
PWM brightness control for RGB outputs
OVL
Bit 0
0 – Overlapping mode disabled
1 – Overlapping mode enabled
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com