Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366H Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8366H
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366H Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8366H Datasheet HTML 1Page - NXP Semiconductors TDA8366H Datasheet HTML 2Page - NXP Semiconductors TDA8366H Datasheet HTML 3Page - NXP Semiconductors TDA8366H Datasheet HTML 4Page - NXP Semiconductors TDA8366H Datasheet HTML 5Page - NXP Semiconductors TDA8366H Datasheet HTML 6Page - NXP Semiconductors TDA8366H Datasheet HTML 7Page - NXP Semiconductors TDA8366H Datasheet HTML 8Page - NXP Semiconductors TDA8366H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
January 1995
5
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
PINNING
SYMBOL
PIN
DESCRIPTION
SDIP52
QFP64
IFDEM1
1
11
IF demodulator tuned circuit 1
IFDEM2
2
12
IF demodulator tuned circuit 2
DECDIG
3
13
decoupling digital supply
IFVO
4
14
IF video output
SCL
5
16
serial clock input
SDA
6
17
serial data input/output
DECBG
7
18
bandgap decoupling
CHROMA
8
20
chrominance input (S-VHS)
CVBS/Y
9
21
external CVBS/Y input
VP1
10
22
main supply voltage 1 (+8 V)
CVBSINT
11
29
internal CVBS input
GND1
12
25
ground 1
PIPO
13
27
picture-in-picture output
DECFT
14
28
decoupling filter tuning
CVBSEXT
15
24
external CVBS input
BLKIN
16
30
black-current input
BO
17
31
blue output
GO
18
32
green output
RO
19
33
red output
BCLIN
20
35
beam current limiter input
RI
21
37
red input for insertion
GI
22
38
green input for insertion
BI
23
39
blue input for insertion
RGBIN
24
40
RGB insertion input
LUMIN
25
42
luminance input
LUMOUT
26
43
luminance output
BYO
27
44
(B
−Y) signal output
RYO
28
45
(R
−Y) signal output
BYI
29
46
(B
−Y) signal input
RYI
30
47
(R
−Y) signal input
SECref
31
48
SECAM reference output
XTAL1
32
49
3.58 MHz crystal connection
XTAL2
33
50
4.43/3.58 MHz crystal connection
DET
34
52
loop filter phase detector
VP2
35
54
horizontal oscillator supply voltage (+8 V)
CVBS/TXT
36
55
CVBS/TXT output
SCO
37
56
sandcastle output
HOUT
38
57
horizontal output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com