Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366H Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8366H
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366H Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8366H Datasheet HTML 2Page - NXP Semiconductors TDA8366H Datasheet HTML 3Page - NXP Semiconductors TDA8366H Datasheet HTML 4Page - NXP Semiconductors TDA8366H Datasheet HTML 5Page - NXP Semiconductors TDA8366H Datasheet HTML 6Page - NXP Semiconductors TDA8366H Datasheet HTML 7Page - NXP Semiconductors TDA8366H Datasheet HTML 8Page - NXP Semiconductors TDA8366H Datasheet HTML 9Page - NXP Semiconductors TDA8366H Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
January 1995
6
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
The pin numbers mentioned in the rest of this document are referenced to the SDIP52 (SOT247-1) package.
FBI
39
58
flyback input
PH2LF
40
59
phase-2 filter
PH1LF
41
60
phase-1 filter
GND2
42
26
ground 2
EWD
43
63
east-west drive output
VDR(pos)
44
64
vertical drive 1 positive output
VDR(neg)
45
1
vertical drive 2 negative output
IFIN1
46
2
IF input 1
IFIN2
47
3
IF input 2
EHTO
48
4
EHT/overvoltage protection input
VSC
49
5
vertical sawtooth capacitor
Iref
50
6
reference current input
DECAGC
51
7
AGC decoupling capacitor
AGCOUT
52
8
tuner AGC output
n.c.
−
9
not connected
n.c.
−
10
not connected
n.c.
−
15
not connected
n.c.
−
19
not connected
n.c.
−
34
not connected
n.c.
−
36
not connected
n.c.
−
41
not connected
n.c.
−
51
not connected
n.c.
−
53
not connected
VP3
−
23
supply voltage 3 (+8 V)
GND3
−
61
ground 3
GND4
−
62
ground 4
SYMBOL
PIN
DESCRIPTION
SDIP52
QFP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com