Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366H Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA8366H
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366H Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8366H Datasheet HTML 8Page - NXP Semiconductors TDA8366H Datasheet HTML 9Page - NXP Semiconductors TDA8366H Datasheet HTML 10Page - NXP Semiconductors TDA8366H Datasheet HTML 11Page - NXP Semiconductors TDA8366H Datasheet HTML 12Page - NXP Semiconductors TDA8366H Datasheet HTML 13Page - NXP Semiconductors TDA8366H Datasheet HTML 14Page - NXP Semiconductors TDA8366H Datasheet HTML 15Page - NXP Semiconductors TDA8366H Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
January 1995
12
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
Inputs
Table 1
Input status bits; note 1
Note
1. X = don’t care.
Table 2
Output status bits; note 1
Note
1. X = don’t care.
FUNCTION
SUBADDRESS
(HEX)
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Source select
00
INA
INB
INC
IND
FOA
FOB
XA
XB
Decoder mode
01
FORF
FORS
DL
STB
POC
CM2
CM1
CM0
Hue
02
X
X
A5
A4
A3
A2
A1
A0
Horizontal shift (HS)
03
X
X
A5
A4
A3
A2
A1
A0
EW width (EW)
04
X
X
A5
A4
A3
A2
A1
A0
EW parabola/width (PW)
05
X
X
A5
A4
A3
A2
A1
A0
EW corner parabola (CP)
06
X
X
A5
A4
A3
A2
A1
A0
EW trapezium (TC)
07
X
X
A5
A4
A3
A2
A1
A0
Vertical slope (VS)
08
NCIN
X
A5
A4
A3
A2
A1
A0
Vertical amplitude (VA)
09
VID
LBM
A5
A4
A3
A2
A1
A0
S-correction (SC)
0A
HCO
EVG
A5
A4
A3
A2
A1
A0
Vertical shift (VSH)
0B
SBL
PRD
A5
A4
A3
A2
A1
A0
White point R
0C
EXP
CL
A5
A4
A3
A2
A1
A0
White point G
0D
SFM
CVS
A5
A4
A3
A2
A1
A0
White point B
0E
MAT
PHL
A5
A4
A3
A2
A1
A0
Peaking
0F
YD3
YD2
YD1
YD0
A3
A2
A1
A0
Brightness
10
RBL
COR
A5
A4
A3
A2
A1
A0
Saturation
11
IE1
X
A5
A4
A3
A2
A1
A0
Contrast
12
AFW
IFS
A5
A4
A3
A2
A1
A0
AGC take-over
13
MOD
VSW
A5
A4
A3
A2
A1
A0
FUNCTION
SUBADDRESS
(HEX)
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Output status bytes
00
POR
FSI
STS
SL
XPR
CD2
CD1
CD0
01
NDF
IN1
X
IFI
AFA
AFB
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com