Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366H Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA8366H
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366H Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA8366H Datasheet HTML 28Page - NXP Semiconductors TDA8366H Datasheet HTML 29Page - NXP Semiconductors TDA8366H Datasheet HTML 30Page - NXP Semiconductors TDA8366H Datasheet HTML 31Page - NXP Semiconductors TDA8366H Datasheet HTML 32Page - NXP Semiconductors TDA8366H Datasheet HTML 33Page - NXP Semiconductors TDA8366H Datasheet HTML 34Page - NXP Semiconductors TDA8366H Datasheet HTML 35Page - NXP Semiconductors TDA8366H Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
January 1995
32
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
26. The (R
−Y) and (B−Y) signals are demodulated with a phase difference of the reference carrier of 90° and a gain ratio
. The matrixing to the required signals is achieved in the control part.
27. This parameter indicates the bandwidth of the complete chrominance circuit including the chrominance bandpass
filter. The bandwidth of the low-pass filter of the demodulator is approximately 1 MHz.
28. At nominal setting of the gain control. When this amplitude is exceeded the peak-white limiting circuit will reduce the
contrast. The control voltage is generated via the external capacitor connected to the beam-current limiting input.
29. Signal-to-noise ratio (S/N) is specified as peak-to-peak signal with respect to RMS noise (bandwidth 5 MHz).
30. This is a current input. The indicated value of the nominal bias current is obtained at the nominal setting of the gain
(white point) control. The actual value of the bias current depends on the gain control setting of each channel. As a
result the ‘black-current’ of each gun is adapted to the white point setting so that the back-ground colour will follow
the white point adjustment.
Table 42 Output current of the phase detector in the various conditions
I2C-BUS COMMANDS
IC CONDITIONS
ϕ-1 CURRENT/MODE
VID
POC
FOA
FOB
IDENT
COIN
NOISE
SCAN
V-RETR
GATING
MODE
−
0
0
0
yes
yes
yes
30
30
yes
auto
−
0
0
0
yes
no
−
180
270
no
auto
−
0
0
1
yes
yes
−
30
30
yes
slow
−
0
0
1
yes
no
−
180
270
no
slow
−
01
−
yes
−−
180
270
no
fast
00
−−
no
−−
6
6
no
OSD
−
1
−−−−−−−−
off
BY
–
()
RY
–
()
---------------------
1.78
=
Table 43 Code numbers for special crystals
SYSTEM
FREQUENCY
(MHz)
CODE NUMBER
PAL-N
3.582056
9922 520 00381
NTSC-M
3.579545
9922 520 00382
PAL-M
3.575611
9922 520 00383
PAL-B/G
4.433619
9922 520 00384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com