Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366H Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8366H
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366H Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8366H Datasheet HTML 12Page - NXP Semiconductors TDA8366H Datasheet HTML 13Page - NXP Semiconductors TDA8366H Datasheet HTML 14Page - NXP Semiconductors TDA8366H Datasheet HTML 15Page - NXP Semiconductors TDA8366H Datasheet HTML 16Page - NXP Semiconductors TDA8366H Datasheet HTML 17Page - NXP Semiconductors TDA8366H Datasheet HTML 18Page - NXP Semiconductors TDA8366H Datasheet HTML 19Page - NXP Semiconductors TDA8366H Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
January 1995
16
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
Table 41 AFC output
AFA
AFB
CONDITION
0
0
outside window; too low
0
1
outside window; too high
1
0
in window; below reference
1
1
in window; above reference
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. All pins are protected against ESD by means of internal clamping diodes.
2. Human Body Model (HBM): R = 1.5 k
Ω; C = 100 pF.
3. Machine Model (MM): R = 0
Ω; C = 200 pF.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
−
9.0
V
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
0
70
°C
Tsol
soldering temperature
for 5 s
−
260
°C
Tj
operating junction temperature
−
150
°C
Ves
electrostatic handling
HBM; all pins; notes 1 and 2
−2000
+2000
V
MM; all pins; notes 1 and 3
−200
+200
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
SDIP52
40
K/W
QFP64
50
K/W
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611E”. The number of the
quality specification can be found in the
“Quality
Reference Handbook”. The handbook can be ordered
using the code 9398 510 63011.
Latch-up
• I
trigger ≥ 100 mA or ≥1.5VDD(max)
• Itrigger ≤−100 mA or ≤−0.5VDD(max).
Following pins do not meet the above specification:
Pin 7:
−90 mA
Pin 17: 90 mA
Pin 18: 90 mA
Pin 19: 90 mA
Pin 24:
−90 mA
Pin 34: 60 mA
Pin 49:
−90 mA
Pin 50:
±90 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com