Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366H Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TDA8366H
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366H Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TDA8366H Datasheet HTML 32Page - NXP Semiconductors TDA8366H Datasheet HTML 33Page - NXP Semiconductors TDA8366H Datasheet HTML 34Page - NXP Semiconductors TDA8366H Datasheet HTML 35Page - NXP Semiconductors TDA8366H Datasheet HTML 36Page - NXP Semiconductors TDA8366H Datasheet HTML 37Page - NXP Semiconductors TDA8366H Datasheet HTML 38Page - NXP Semiconductors TDA8366H Datasheet HTML 39Page - NXP Semiconductors TDA8366H Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
January 1995
36
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
TEST AND APPLICATION INFORMATION
handbook, full pagewidth
MLA746 - 1
BAND
PASS
47 and 46
33
31
32
4.4
MHz
3.6
MHz
36
TDA4661
43
19
18
17
28 27
30
29
21 22 23 24
RI GI
BI
RGBIN
CHROMA
EXT
CVBS/
TXT
CVBS
IFDEM2
IFDEM1
1
2
HOUT
FBI
RO
GO
BO
20
BCLIN
16
BLKIN
44
45
EWD
VDR
VDR
SEC
RYO
BYO
BYI
SCO
RYI
TDA8395
37
to text decoder
39
38
6
5
8
9
15
4
11
STEREO AND CONTROL
BAND
PASS
SCL
SDA
CVBS/Y
SOUND
TRAP
QSS IF
SAW
FILTER
from
tuner
L
R
TDA8366
2
ref
(neg)
(pos)
Fig.13 Application diagram.
East-West output stage
In order to obtain correct tracking of the vertical and
horizontal EHT-correction, the EW output stage should be
dimensioned as illustrated in Fig.14.
Resistor REW determines the gain of the EW output stage.
Resistor Rc determines the reference current for both the
vertical sawtooth generator and the geometry processor.
The preferred value of Rc is 39 kΩ which results in a
reference current of 100
µA (Vref = 3.9 V).
The value of REW must be:
Example: With Vref = 3.9 V; Rc =39kΩ and Vscan = 120 V
then REW =68kΩ.
R
EW
R
c
V
scan
18
V
ref
×
-----------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com