Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8366H Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8366H
Description  I2C-bus controlled PAL/NTSC TV processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8366H Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8366H Datasheet HTML 13Page - NXP Semiconductors TDA8366H Datasheet HTML 14Page - NXP Semiconductors TDA8366H Datasheet HTML 15Page - NXP Semiconductors TDA8366H Datasheet HTML 16Page - NXP Semiconductors TDA8366H Datasheet HTML 17Page - NXP Semiconductors TDA8366H Datasheet HTML 18Page - NXP Semiconductors TDA8366H Datasheet HTML 19Page - NXP Semiconductors TDA8366H Datasheet HTML 20Page - NXP Semiconductors TDA8366H Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
January 1995
17
Philips Semiconductors
Objective specification
I2C-bus controlled PAL/NTSC TV
processor
TDA8366
CHARACTERISTICS
VP =8V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
MAIN SUPPLY (PIN 10)
VP1
supply voltage
7.2
8.0
8.8
V
IP1
supply current
−
100
−
mA
Ptot
total power dissipation
−
850
−
W
HORIZONTAL OSCILLATOR SUPPLY (PIN 35)
VP2
supply voltage
7.2
8.0
8.8
V
IP2
supply current
−
6
−
mA
IF circuit
VISION IF AMPLIFIER INPUTS (PINS 46 AND 47)
Vi(rms)
input sensitivity (RMS value)
note 1
fi = 38.90 MHz
−
70
100
µV
fi = 45.75 MHz
−
70
100
µV
fi = 58.75 MHz
−
70
100
µV
RI
input resistance (differential)
note 2
−
2
−
k
Ω
CI
input capacitance (differential)
note 2
−
3
−
pF
Gcr
gain control range
64
−−
dB
Vi max(rms)
maximum input signal
(RMS value)
100
150
−
mV
VIDEO AMPLIFIER OUTPUT (PIN 4); note 3
Vo
zero signal output level
negative modulation; note 4
−
4.7
−
V
positive modulation; note 4
−
2.0
−
V
V4
top sync level
negative modulation
1.9
2.0
2.1
V
V4
white level
positive modulation
−
4.5
−
V
∆V4
difference in amplitude between
negative and positive
modulation
−
015
%
Zo
video output impedance
−
50
−Ω
Ibias
internal bias current of NPN
emitter follower output transistor
1.0
−−
mA
Isource(max)
maximum source current
−−
5mA
B
bandwidth of demodulated
output signal
at
−3dB
6
9
−
MHz
Gdiff
differential gain
note 5
−
25%
ϕ
diff
differential phase
notes 5 and 6
−−
5
deg
NLvid
video non-linearity
note 7
−−
5%
Vth
white spot threshold level
−
5.0
−
V
Vins
white spot insertion level
−
3.3
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com