Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940VC/W Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM79C940VC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 16Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 17Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 18Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 19Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 20Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 21Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 22Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 23Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 144 page
background image
20
Am79C940
TXEN/TXEN
Transmit Enable (Output)
When the AUI port is selected (PORTSEL [1-0] = 00),
an output indicating that the AUI DO
± differential output
has valid Manchester encoded data is presented.
When the 10BASE-T port is selected (PORTSEL [1-0]
= 01), indicates that Manchester data is being output
on the TXD
±/TXP± complementary outputs. When the
DAI port is selected (PORTSEL [1–0] = 10), indicates
that Manchester data is being output on the DAI port
TXDAT
± complementary outputs. When the GPSI port
is selected (PORTSEL [1–0] =11), indicates that NRZ
data is being output from the MAC core of the MACE
device, to an external Manchester encoder/decoder, on
the TXDAT+ output. Active low when the DAI port is
selected, active high when the AUI, 10 BASE-T or
GPSI is selected. Operates at TTL levels.
RXDAT
Receive Data (Input)
When the DAI port is selected (PORTSEL [1–0] = 10),
the Manchester encoded data input to the integrated
clock recovery and Manchester decoder of the MACE
device, from an external network transceiver. When the
GPSI port is selected (PORTSEL [1–0] =11), the NRZ
decoded data input to the MAC core of the MACE
device, from an external Manchester encoder/decoder.
Operates at TTL levels.
RXCRS
Receive Carrier Sense (Input/Output)
When the AUI port is selected (PORTSEL [1–0] = 00),
an output indicating that the DI
± input pair is receiving
valid Manchester encoded data from the external
transceiver which meets the signal amplitude and
pulse width requirements. When the 10BASE-T port is
selected (PORTSEL [1–0] = 01), an output indicating
that the RXD
± input pair is receiving valid Manchester
encoded data from the twisted pair cable which meets
the signal amplitude and pulse width requirements.
RXCRS will be asserted high for the entire duration of
the receive message. When the DAI port is selected
(PORTSEL [1-0] = 10), an input signaling the MACE
device that a receive carrier condition has been
detected on the network, and valid Manchester
encoded data is being presented to the MACE device
on the RXDAT line. When the GPSI port is selected
(PORTSEL [1-0] = 11), an input signalling the internal
MAC core that valid NRZ data is being presented on
the RXDAT input. Operates at TTL levels.
TXEN/TXEN Configuration
Notes:
1. PORTSEL [1–0] and ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14).
2. When the GPSI port is selected, TXEN should have an external pull-down attached (e.g. 3.3k
Ω) to ensure the output is held
inactive before ENPLSIO is set.
3. This pin should be externally terminated, if unused, to reduce power consumption.
SLEEP
PORTSEL
[1-0]
ENDPLSIO
Interface Description
Pin Function
0
XX
X
Sleep Mode
High Impedance
1
00
1
AUI
TXEN Output
1
01
1
10BASE-T
TXEN Output
1
10
1
DAI Port
TXEN Output
1
11
1
GPSI
TXEN Output
1
XX
0
Status Disabled
High Impedance (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com