Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940VC/W Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM79C940VC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 53Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 54Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 55Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 56Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 57Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 58Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 59Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 60Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 144 page
background image
Am79C940
57
(c) Failure to read packet data from the Receive FIFO
will eventually cause an overflow condition. The FIFO
will maintain any previously completed packet(s), which
can be read by the host at its convenience. However,
packet data on the network will no longer be received,
regardless of destination address, until the overflow is
cleared by reading the remaining Receive FIFO data
and Receive Status. The MACE device will increment
the Missed Packet Count (MPC) register to indicate that
a packet which would have been normally passed to the
host, was dropped due to the error condition.
Note: The moment a packet overflow is detected or
read, an EOF with INT is generated. On status read
(OFLOW), the FIFO pointers are reset to the first
location. This essentially flushes the FIFO.
LOOPBACK OPERATION
During loopback, the FCS logic can be allocated to the
receiver by setting RCVFCSE = 1 in User Test Regis-
ter. This permits both the transmit and receive FCS op-
erations to be verified during the loopback process.
The state of RCVFCSE is only valid during loopback
opera tion.
If RCVFCSE = 0, the MACE device will calculate and
append the FCS to the transmitted message. The
receive message passed to the host will therefore con-
tain an additional four bytes of FCS. The Receive
Frame Status will indicate the result of the loopback
operation and the RCVCNT.
If RCVFCSE = 1, the last four bytes of the transmit
message must contain the FCS computed for the
transmit data preceding it. The MACE device will trans-
mit the data without addition of an FCS field, and the
FCS will be calculated and verified at the receiver.
The loopback facilities of the MACE device allow full
operation to be verified without disturbance to the net-
work. Loopback operation is also affected by the state
of the Loopback Control bits (LOOP [0–1]) in the User
Test Register. This affects whether the internal MEN-
DEC is considered part of the internal or external
loop-back path.
When in the loopback mode(s), the multicast address
detection feature of the MACE device, programmed by
the contents of the Logical Address Filter (LADR [63–
0]) can only be tested when RCVFCSE = 1, allocating
the CRC generator to the receiver. All other features
operate identically in loopback as in normal operation,
such as automatic transmit padding and receivepad
stripping.
USER ACCESSIBLE REGISTERS
The following registers are provided for operation of the
MACE device. All registers are 8-bits wide unless
otherwise stated. Note that all reserved register bits
should be written as zero.
Receive FIFO (RCVFIFO)
(REG ADDR 0)
This register provides a 16-bit data path from the
Receive FIFO. Reading this register will read one word/
byte from the Receive FIFO. The RCVFIFO should
only be read when Receive Data Transfer Request
(RDTREQ) is asserted. If the RCVFIFO location is read
before 64-bytes are available in the RCVFIFO (or
12-bytes in the case that LLRCV is set in the Receive
Frame Control register), DTV will not be returned.
Once the 64-byte threshold has been achieved and
RDTREQ is asserted, the de-assertion of RDTREQ
does not prevent additional data from being read from
the RCVFIFO, but indicates the number of additional
bytes which are present, before the RCVFIFO is emp-
tied, and subsequent reads will not return DTV (see
the FIFO Sub-System section for additional details).
Write operations to this register will be ignored and
DTV will not be returned.
Byte transfers from the RCVFIFO are supported, and
will be fully aligned to the target memory architecture,
defined by the BSWP bit in the BIU Configuration Con-
trol register. The Byte Enable inputs (BE1-0) will define
which half of the data bus should be used for the trans-
fer. The external host/controller will be informed that
the last byte/word of data in a receive frame is being
read from the RCVFIFO, when the MACE device as-
serts the EOF signal.
Transmit FIFO (XMTFIFO)
(REG ADDR 1)
This register provides a 16-bit data path to the Transmit
FIFO. Byte/word data written to this register will be
placed in the Transmit FIFO. The XMTFIFO can be
written at any time the Transmit Data Transfer Request
(TDTREQ) is asserted. The de-assertion of TDTREQ
does not prevent data being written to the XMTFIFO,
but indicates the number of additional write cycles
which can take place, before the XMTFIFO is filled, and
subsequent writes will not return DTV (see the FIFO
Sub-System section for additional details). Read oper-
ations to this register will be ignored and DTV will not
be returned.
Byte transfers to the XMTFIFO are supported, and
accept data from the source memory architecture to
ensure the correct byte ordering for transmission,
defined by the BSWP bit in the MAC Configuration
Control register. The Byte Enable inputs (BE1-0) will
define which half of the data bus should be used for the
transfer. The use of byte transfers have implications on
the latency time provided by the XMTFIFO (see the
FIFO Sub-System section for additional details). The
external host/controller must indicate the last byte/word
RCVFIFO [15–0]
XMTFIFO [15–0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com