Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940VC/W Datasheet(PDF) 94 Page - Advanced Micro Devices

Part # AM79C940VC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W Datasheet(HTML) 94 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 90Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 91Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 92Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 93Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 94Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 95Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 96Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 97Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 98Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 144 page
background image
94
AC CHARACTERISTICS (continued)
No.
Parameter
Symbol
Parameter Description
Test Conditions
Min (ns)
Max (ns)
AUI Timing
53
tDOTD
XTAL1 (externally driven) to DO
± ουτπυτ
100
54
tDOTR
DO
± rise time (10% to 90%)
2.5
5.0
55
tDOTF
DO
± fall time (10% to 90%)
2.5
5.0
56
tDOETM
DO
± rise and fall mismatch
1
57
tDOETD
DO
± End of Transmit Delimiter
200
375
58
tPWRDI
DI
± pulse width to reject
|input| > |VASQ|15
59
tPWODI
DI
± pulse width to turn on internal DI carrier
sense
|input| > |VASQ|45
60
tPWMDI
DI
± pulse width to maintain internal DI carrier
sense on
|input| > |VASQ|
45
136
61
tPWKDI
DI
± pulse width to turn internal DI carrier
sense off
|input| > |VASQ|200
62
tPWRCI
CI
± pulse width to reject
|input| > |VASQ|10
63
tPWOCI
CI
± pulse width to turn on internal SQE sense |input| > |
VASQ|26
64
tPWMCI
CI
± pulse width to maintain internal SQE
sense on
|input| > |VASQ|26
90
65
tPWKCI
CI
± pulse width to turn internal SQE sense off |input| > |
VASQ|160
66
tSQED
CI
± SQE Test delay from O± inactive
|input| > |VASQ|
67
tSQEL
CI
± SQE Test length
|input| > |VASQ|
79
tCLSHI
CLSN high time
tSTDC + 30
80
tTXH
TXEN or DO
± hold time from CLSN↑
|input| > |VASQ|
32*tSTDC
96*tSTDC
DAI Port Timing
70
tTXEND
STDCLK
↑ delay to TXEN↓
CL = 50 pF
70
72
tTXDD
STDCLK
↑ delay to TXDAT± change
CL = 50 pF
70
80
tTXH
TXEN or TXDAT
± hold time from CLSN↑
32*tSTDC
96*tSTDC
95
tDOTF
Mismatch in STDCLK
≠ to TXEN↓ and
TXDAT
± change
15
96
tTXDTR
TXDAT
± rise time
See Note 1
5
97
tTXDTF
TXDAT
± fall time
See Note 1
5
98
tTXDTM
TXDAT
± rise and fall mismatch
See Note 1
1
99
tTXENETD
TXEN End of Transmit Delimiter
250
350
100
tFRXDD
First RXDAT
↓ delay to RXCRS↑
100
101
tLRXDD
Last RXDAT
≠ delay to RXCRS↓
120
102
tCRSCLSD
RXCRS
↑ delay to CLSN↑ (TXEN = 0)
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com