Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940VC/W Datasheet(PDF) 86 Page - Advanced Micro Devices

Part # AM79C940VC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W Datasheet(HTML) 86 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 82Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 83Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 84Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 85Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 86Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 87Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 88Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 89Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 90Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 144 page
background image
86
XMT
Filter
RCV
Filter
ANLG GND
ANLG +5 V
AVSS
AVDD
0.1
µF
Filter &
Transformer
Module
Note 1
Note 2
Am79C940
TXP+
TXD-
TXP-
TXD+
RXD+
RXD-
0.1
µF
LNKST
LINK OK
DGTL +5 V
RXPOL
RX POL OK
1.21K
Ω
100
Ω
61.9
Ω
422
Ω
61.9
Ω
422
Ω
DO-
DI+
DI-
CI+
CI-
DO+
Pulse
Transformer
Note 3
40.2
Ω
Optional
ANLG GND
0.1
µF
0.1
µF
DXCVR
Optional
Disable
10BASE2 DC/DC
Convertor
10BASE2 MAU
COAX
TAP
(BNC)
See Am7996 Data Sheet
for component and
implementation details
Active High
Active Low
RJ45
Connector
40.2
Ω
40.2
Ω
40.2
Ω
TD+
TD-
RD+
RD-
1
2
3
6
16235D-17
Am7996
Notes:
1. Compatible filter modules, with a brief description of package type and features are included in the following section.
2. The resistor values are recommended for general purpose use and should allow compliance to the 10BASE-T specification for template
fit and jitter performance. However, the overall performance of the transmitter is also affected by the transmit filter configuration. All
resistors are
± 1%.
3. Compatible AUI transformer modules, with a brief description of package type and features are included in the following section.
4. Active High indicates the external convertor should be turned off. The Disable Transceiver (DXCVR) output is used to indicate the active
network port. A high level indicates the 10BASE-T port is selected and the AUI port is disabled. A low level indicates the AUI port is
selected and the Twisted Pair interface is disabled.
Active Low: indicates the external converter should be turned off. The LNKST output can be used to indicate the active network
port. A high level indicates the 10BASE-T port is in the Link Fail state, and the external convertor should be on. A low level indicates the
10BASE-T port is in the Link Pass state, and the external convertor should be off.
1:1
1:1
Note 4
10BASE–T and 10BASE2 Configuration of Am79C940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com