Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940VC/W Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AM79C940VC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 75Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 76Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 77Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 78Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 79Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 80Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 81Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 82Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 144 page
background image
79
Programmer’s Register Model (continued)
Addr Mnemonic
Contents
R/W
15
PHYCC
Physical Layer (PHY) Configuration Control
80
LNKFL
Link Fail–Reports 10BASE-T receive inactivity
40
DLNKTST
Disable Link Test–Force 10BASE–T port into Link Pass
20
REVPOL
Reversed Polarity–Reports 10BASE-T receiver wiring error
10
DAPC
Disable Auto Polarity Correction–Detection remains active
08
LRT
Low Receive Threshold–Extended distance capability
04
ASEL
Auto Select–Select 10BASE-T port when active, otherwise
AUI
02
RWAKE
Remote Wake–10BASE-T, AUI and EADI features active during
sleep
01
AWAKE
Auto Wake–10BASE-T receive and LNKST active during sleep
R/W
16
CHIPID
Chip Identification Register LSB–CHIPID [7:0]
RO
17
CHIPID
Chip Identification Register MSB–CHIPID [15:8]
RO
18
IAC
Internal Address Configuration
80
ADDRCHG Address Change–Write to PHYADDR or LOGADDR after ENRCV
40
–
20
–
10
–
08
–
04
–
04
PHYADDR Reset Physical Address pointer
02
LOGADDR Reset Logical Address pointer
01
–
R/W
19
–
Reserved
R/W as 0
20
LADRF
Logical Address Filter–8 bytes–8 reads or writes–LS Byte first
R/W as 0
21
PADR
Physical 6 bytes–6 reads or writes–LS Byte
first
R/W as 0
22
–
Reserved
R/W as 0
23
–
Reserved
R/W as 0
24
MPC
Missed Packet Counter–Number of receive packets missed
R/W as 0
25
–
Reserved
R/W as 0
26
RNTPC
Runt Packet Count–Number of runt packets addressed to this node
R/W as 0
27
RCVCC
Receive Collision Count–Number of receive collision frames on network
R/W as 0
28
–
Reserved
R/W as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com