Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940VC/W Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM79C940VC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 31Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 32Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 33Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 34Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 35Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 36Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 37Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 38Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 144 page
background image
Am79C940
35
prior to the termination of reception must be read from
the RCVFIFO before the RCVFS bytes are available.
Media Access Control (MAC)
The Media Access Control engine is the heart of the
MACE device, incorporating the essential protocol
requirements for operation of a compliant Ethernet/
802.3 node, and providing the interface between the
FIFO sub-system and the Manchester Encoder/
Decoder (MENDEC).
The MAC engine is fully compliant to Section 4 of ISO/
IEC 8802-3 (ANSI/IEEE Standard 1990 Second edi-
tion) and ANSI/IEEE 802.3 (1985).
The MAC engine provides enhanced features, pro-
grammed through the Transmit Frame Control and
Receive Frame Control registers, designed to minimize
host supervision and pre or post message processing.
These features include the ability to disable retries after
a collisio n, dyna mic FC S gen erati on on a
packet-by-packet basis, and automatic pad field
insertion and deletion to enforce minimum frame
size attributes.
The two primary attributes of the MAC engine are:
s Transmit and receive message data encapsulation
— Framing (frame boundary delimitation, frame
synchronization)
— Addressing (source and destination address
handling)
— Error detection (physical medium transmission
errors)
s Media access management
— Medium allocation (collision avoidance)
— Contention resolution (collision handling)
Transmit and Receive Message Data
Encapsulation
Data passed to the MACE device Transmit FIFO will be
assumed to be correctly formatted for transmission
over the network as a valid packet. The user is required
to pass the data stream for transmission to the MACE
chip in the correct order, according to the byte ordering
convention programmed for the BIU.
The MACE device provides minimum frame size
enforcement for transmit and receive packets. When
APAD XMT = 1 (default), transmit messages will be
padded with sufficient bytes (containing 00h) to ensure
that the receiving station will observe an information
field (destination address, source address, length/type,
data and FCS) of 64-bytes. When ASTRP RCV = 1
(default), the receiver will automatically strip pad and
FCS bytes from the received message if the value in
the length field is below the minimum data size
(46-bytes). Both features can be independently
over-ridden to allow illegally short (less than 64-bytes
of pa ck et data ) m e ss age s to b e tr a n sm itte d
and/or received.
Framing (Frame Boundary Delimitation,
Frame Synchronization)
The MACE device will autonomously handle the con-
struction of the transmit frame. When the Transmit
FIFO has been filled to the predetermined threshold
(set by XMTSP), and providing access to the channel
is currently permitted, the MACE device will commence
the 7 byte preamble sequence (10101010b, where first
bit transmitted is a 1). The MACE device will subse-
quently append the Start Frame Delimiter (SFD) byte
(10101011) followed by the serialized data from the
Transmit FIFO. Once the data has been completed, the
MACE device will append the FCS (most significant bit
first) computed on the entire data portion of the
message.
Note that the user is responsible for the correct order-
ing and content in each of the fields in the frame,
including the destination address, source address,
length/type and packet data.
The receive section of the MACE device will detect an
incoming preamble sequence and lock to the encoded
clock. The internal MENDEC will decode the serial bit
stream and present this to the MAC engine. The MAC
will discard the first 8-bits of information before search-
ing for the SFD sequence. Once the SFD is detected,
all subsequent bits are treated as part of the frame. The
MACE device will inspect the length field to ensure
minimum frame size, strip unnecessary pad characters
(if enabled), and pass the remaining bytes through the
Receive FIFO to the host. If pad stripping is performed,
the MACE device will also strip the received FCS
bytes, although the normal FCS computation and
checking will occur. Note that apart from pad stripping,
the frame will be passed unmodified to the host. If the
length field has a value of 46 or greater, the MACE de-
vice will not attempt to validate the length against the
number of bytes contained in the message.
If the frame terminates or suffers a collision before
64-bytes of information (after SFD) have been
received, the MACE device will automatically delete
the frame from the Receive FIFO, without host inter-
vention. Note however, that if the Low Latency Receive
option has been enabled (LLRCV = 1 in the Receive
Frame Control register), the MACE device will not
delete receive frames which experience a collision
once the 12-byte low watermark has been reached
(see the FIFO Sub-System section for additional
details).
Addressing (Source and Destination
Address Handling)
The first 6-bytes of information after SFD will be inter-
preted as the destination address field. The MACE
device provides facilities for physical, logical and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com