Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C940VC/W Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM79C940VC/W
Description  Media Access Controller for Ethernet (MACE??
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C940VC/W Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C940VC/W Datasheet HTML 20Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 21Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 22Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 23Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 24Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 25Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 26Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 27Page - Advanced Micro Devices AM79C940VC/W Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 144 page
background image
24
Am79C940
CLSN
Collision (Input/Output)
An external indication that a collision condition has
been detected by the (internal or external) Medium
Attachment Unit (MAU), and that signals from two or
more nodes are present on the network. When the AUI
port is selected (PORTSEL [1–0] = 00), CLSN will be
activated when the CI
± input pair is receiving a collision
indication from the external transceiver. CLSN will be
asserted high for the entire duration of the collision
detection, but will not be asserted during the SQE Test
message following a transmit message on the AUI.
When the 10BASE-T port is selected (PORTSEL [1–0]
= 01), CLSN will be asserted high when simultaneous
transmit and receive activity is detected (logically
detected when TXD
±/TXP± and RXD± are both active).
When the DAI port is selected (PORTSEL [1–0] = 10),
CLSN will be asserted high when simultaneous trans-
mit and receive activity is detected (logically detected
when RXCRS and TXEN are both active). When the
GPSI port is selected (PORTSEL [1–0] = 11), an input
from the external Manchester encoder/decoder signal-
ing the MACE device that a collision condition has
been detected on the network, and any receive frame
in progress should be aborted.
External Address Detection Interface
(EADI)
SF/BD
Start Frame/Byte Delimiter (Output)
The external indication that a start of frame delimiter
has been received. The serial bit stream will follow on
the Serial Receive Data pin (SRD), commencing with
the destination address field. SF/BD will go high for 4
bit times (400 ns) after detecting the second 1 in the
SFD of a received frame. SF/BD will subsequently
toggle every 400 ns (1.25 MHz frequency) with the
rising edge indicating the start (first bit) in each
subsequent byte of the received serial bit stream.
SF/BD will be inactive during frame transmission.
SRD
Serial Receive Data (Output)
SRD is the decoded NRZ data from the network. It is
available for external address detection. Note that
when the 10BASE-T port is selected, transition on SRD
will only occur during receive activity. When the AUI or
DAI port is selected, transition on SRD will occur
dur ing both transmit and receive activity.
CLSN Configuration
Notes:
1. PORTSEL [1–0] and ENPLSIO are located in the PLS Configuration Control register (REG ADDR 14).
2. This pin should be externally terminated, if unused, to reduce power consumption.
EAM/R
External Address Match/Reject(Input)
The incoming frame will be received dependent on the
receive operational mode of the MACE device, and the
polarity of the EAM/R pin. The EAM/R pin function is
programmed by use of the M/R bit in the Receive
Frame Control register. If the bit is set, the pin is config-
ured as EAM. If the bit is reset, the pin is configured as
EAR. EAM/R can be asserted during packet reception
to accept or reject packets based on an external
address comparison.
SRDCLK
Serial Receive Data Clock (Input/Output)
The Serial Receive Data (SRD) output is synchronous
to SRDCLK running at the 10MHz receive data clock
frequency. The pin is configured as an input, only when
the GPSI port is selected. Note that when the
10BASE–T port is selected, transition on SRDCLK will
only occur during receive activity. When the AUI or DAI
port is selected, transition on SRDCLK will occur during
both transmit and receive activity.
SLEEP
PORTSEL
[1-0]
ENDPLSIO
Interface Description
Pin Function
0
XX
X
Sleep Mode
High Impedance
1
00
1
AUI
CLSN Output
1
01
1
10BASE-T
CLSN Output
1101
DAI Port
CLSN Output
1
11
1
GPSI
CLSN Output
1
XX
0
Status Disabled
High Impedance (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com