Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT040TO65G3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SCT040TO65G3
Description  Silicon carbide Power MOSFET 650 V, 40 mΩ typ., 35 A in a TO-LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT040TO65G3 Datasheet(HTML) 5 Page - STMicroelectronics

  SCT040TO65G3 Datasheet HTML 1Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 2Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 3Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 4Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 5Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 6Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 7Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 8Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG280320241229SOA
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp=100µs
tp=10µs
tp=1ms
tp=10ms
V(BR)DSS
Operation
in
this
area
is limited
by
R
DS(on)
RDS(on) max.
single pulse
TC = 25 °C
TJ ≤ 175 °C
tp=1µs
Figure 2. Maximum transient thermal impedance
GADG280320241231ZTH
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
tp (s)
ZthJC
(°C/W)
0.05
duty=0.5
3
2
4
Single pulse
ton
T
duty = ton / T
RthJC
0.52 °C/W
=
Figure 3. Typical output characteristics (TJ = 25 °C)
GADG280320241231OC25
100
80
60
40
20
0
0
1
2
3
4
5
ID
(A)
VDS (V)
6V
8 V
10 V
12 V
14 V
VGS= 18, 20 V
16 V
Figure 4. Typical output characteristics (TJ = 175 °C)
GADG280320241232OC175
100
80
60
40
20
0
0
1
2
3
4
5
ID
(A)
VDS (V)
4 V
6 V
8 V
10 V
12 V
14 V
16 V
VGS= 18, 20 V
Figure 5. Typical transfer characteristics
GADG280320241232TCH
ID
(A)
VGS (V)
100
80
60
40
20
0
0
4
8
12
16
VDS= 5 V
TJ= 175 °C
TJ= 25 °C
Figure 6. Total power dissipation
GADG280320241233PDT
300
250
200
150
100
50
0
-75
-25
25
75
125
175
PTOT
(W)
TC (°C)
TJ= 175 °C
SCT040TO65G3
Electrical characteristics
DS14654 - Rev 1
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com