Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT040TO65G3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SCT040TO65G3
Description  Silicon carbide Power MOSFET 650 V, 40 mΩ typ., 35 A in a TO-LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT040TO65G3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SCT040TO65G3 Datasheet HTML 3Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 4Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 5Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 6Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 7Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 8Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 9Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 10Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Figure 13. Normalized breakdown voltage vs temperature
GADG280320241234BDV
1.2
1.1
1.0
0.9
0.8
0.7
-75
-25
25
75
125
175
V(BR)DSS
(norm.)
TJ (°C)
ID = 1 mA
Figure 14. Normalized gate threshold vs temperature
GADG280320241234VTH
1.4
1.2
1.0
0.8
0.6
0.4
-75
-25
25
75
125
175
VGS(th)
(norm.)
TJ (°C)
ID = 1 mA
Figure 15. Normalized on-resistance vs temperature
GADG280320241235RON
2.0
1.5
1.0
0.5
0.0
-75
-25
25
75
125
175
RDS(on)
(norm.)
TJ (°C)
VGS= 18 V
Figure 16. Typical reverse conduction characteristics
(TJ = 25 °C)
GADG280320241237RCC25
-20
-40
-60
-80
-100
-120
-8
-7
-6
-5
-4
-3
-2
-1
ID
(A)
VDS (V)
VGS= -5 V
VGS= 18 V
VGS= 0 V
Figure 17. Typical reverse conduction characteristics (TJ = 175 °C)
GADG280320241237RCC175
-20
-40
-60
-80
-100
-120
-8
-7
-6
-5
-4
-3
-2
-1
ID
(A)
VDS (V)
VGS= -5 V
VGS= 18 V
VGS= 0 V
SCT040TO65G3
Electrical characteristics
DS14654 - Rev 1
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com