Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT040TO65G3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SCT040TO65G3
Description  Silicon carbide Power MOSFET 650 V, 40 mΩ typ., 35 A in a TO-LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT040TO65G3 Datasheet(HTML) 2 Page - STMicroelectronics

  SCT040TO65G3 Datasheet HTML 1Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 2Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 3Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 4Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 5Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 6Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 7Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 8Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
650
V
VGS
Gate-source voltage
-10 to 22
V
Gate-source voltage (recommended operating values)
-5 to 18
Gate-source transient voltage, tp < 1 μs, t ≤ 10 hours over lifetime
-11 to 25
ID(1)
Drain current (continuous) at TC = 25 °C
35
A
Drain current (continuous) at TC = 100 °C
35
IDM(2)
Drain current (pulsed)
197
A
PTOT
Total power dissipation at TC = 25 °C
288
W
Tstg
Storage temperature range
-55 to 175
°C
TJ
Operating junction temperature range
°C
1. ID is limited by package.
2. Pulse width is limited by safe operating area.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance, junction-to-case
0.52
°C/W
RthJA
Thermal resistance, junction-to-ambient
50
°C/W
SCT040TO65G3
Electrical ratings
DS14654 - Rev 1
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com