Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT040TO65G3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SCT040TO65G3
Description  Silicon carbide Power MOSFET 650 V, 40 mΩ typ., 35 A in a TO-LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT040TO65G3 Datasheet(HTML) 1 Page - STMicroelectronics

  SCT040TO65G3 Datasheet HTML 1Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 2Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 3Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 4Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 5Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 6Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 7Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 8Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
Order code
VDS
RDS(on) typ.
ID
SCT040TO65G3
650 V
40 mΩ
35 A
•
Very fast and robust intrinsic body diode
•
Very low RDS(on) over the entire temperature range
•
High speed switching performances
•
Source sensing pin for increased efficiency
Applications
•
Switching mode power supply
•
DC-DC converters
Description
This silicon carbide Power MOSFET device has been developed using ST’s
advanced and innovative 3rd generation SiC MOSFET technology. The device
features a very low RDS(on) over the entire temperature range combined with low
capacitances and very high switching operations, which improve application
performance in frequency, energy efficiency, system size and weight reduction.
TO-LL
Drain (TAB)
Gate (1)
Driver
source (2)
Power
source (3, 4, 5, 6, 7, 8)
N-chG1DS2PS34567DTAB
Product status link
SCT040TO65G3
Product summary
Order code
SCT040TO65G3
Marking
040TO65G3
Package
TO-LL
Packing
Tape and reel
Silicon carbide Power MOSFET 650 V, 40 mΩ typ., 35 A in a TO-LL package
SCT040TO65G3
Datasheet
DS14654 - Rev 1 - April 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SCT040TO65G3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCT040H120G3-7 STMICROELECTRONICS-SCT040H120G3-7 Datasheet
372Kb / 14P
Silicon carbide Power MOSFET 1200 V, 40 mΩ typ., 40 A in an H²PAK-7 package
09-Aug-2023
SCT040H120G3AG STMICROELECTRONICS-SCT040H120G3AG Datasheet
386Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 40 mΩ typ., 40 A in an H²PAK-7 package
14-Oct-2022
SCT040H65G3AG STMICROELECTRONICS-SCT040H65G3AG Datasheet
389Kb / 14P
Automotive-grade silicon carbide Power MOSFET 650 V, 40 mΩ typ., 30 A in an H²PAK-7 package
21-Jan-2022
SCT040H65G3SAG STMICROELECTRONICS-SCT040H65G3SAG Datasheet
227Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 40 m typ., 30 A in an H2PAK-7 straight leads package
14-Feb-2022
SCT040HU120G3AG STMICROELECTRONICS-SCT040HU120G3AG Datasheet
623Kb / 15P
Automotive-grade silicon carbide Power MOSFET 1200 V, 40 mΩ typ., 40 A in an HU3PAK package
16-Sep-2024
More results

Similar Description - SCT040TO65G3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTL35N65G2V STMICROELECTRONICS-SCTL35N65G2V Datasheet
323Kb / 14P
Silicon carbide Power MOSFET 650 V, 55 mΩ typ., 40 A in a PowerFLAT 8x8 HV package
02-Dec-2020
SCTL90N65G2V STMICROELECTRONICS-SCTL90N65G2V Datasheet
319Kb / 14P
Silicon carbide Power MOSFET 650 V, 18 mΩ typ., 40 A in a PowerFLAT 8x8 HV package
10-Dec-2020
STO68N65DM6 STMICROELECTRONICS-STO68N65DM6 Datasheet
1Mb / 15P
N-channel 650 V, 53 m typ., 55 A MDmesh DM6 Power MOSFET in a TO‑LL package
06-May-2021
SCTW35N65G2VAG STMICROELECTRONICS-SCTW35N65G2VAG Datasheet
206Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 package
09-Sep-2020
SCTWA70N120G2V STMICROELECTRONICS-SCTWA70N120G2V Datasheet
229Kb / 12P
Silicon carbide Power MOSFET 1200 V, 21 mΩ typ., 91 A
10-Oct-2022
SCT018H65G3AG STMICROELECTRONICS-SCT018H65G3AG Datasheet
390Kb / 14P
Automotive-grade silicon carbide Power MOSFET 650 V, 20 mΩ typ., 55 A in an H²PAK-7 package
07-Oct-2022
SCT040H120G3AG STMICROELECTRONICS-SCT040H120G3AG Datasheet
386Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 40 mΩ typ., 40 A in an H²PAK-7 package
14-Oct-2022
SCT040H65G3AG STMICROELECTRONICS-SCT040H65G3AG Datasheet
389Kb / 14P
Automotive-grade silicon carbide Power MOSFET 650 V, 40 mΩ typ., 30 A in an H²PAK-7 package
21-Jan-2022
SCTHS250N65G3 STMICROELECTRONICS-SCTHS250N65G3 Datasheet
301Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 6.7 mΩ typ., 207 A in a STPAK package
05-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com