Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT040TO65G3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SCT040TO65G3
Description  Silicon carbide Power MOSFET 650 V, 40 mΩ typ., 35 A in a TO-LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT040TO65G3 Datasheet(HTML) 3 Page - STMicroelectronics

  SCT040TO65G3 Datasheet HTML 1Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 2Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 3Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 4Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 5Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 6Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 7Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 8Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified.
Table 3. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
650
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 650 V
10
µA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = -10 to 22 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 1 mA
1.8
3.0
4.2
V
RDS(on)
Static drain-source on-resistance
VGS = 15 V, ID = 20 A
47
mΩ
VGS = 18 V, ID = 20 A
40
63
VGS = 18 V, ID = 20 A, TJ = 175 °C
52
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 400 V, f = 1 MHz, VGS = 0 V
-
853
-
pF
Coss
Output capacitance
-
89
-
pF
Crss
Reverse transfer capacitance
-
13
-
pF
Qg
Total gate charge
VDD = 400 V, VGS = -5 to 18 V, ID = 20 A
-
42.5
-
nC
Qgs
Gate-source charge
-
12.9
-
nC
Qgd
Gate-drain charge
-
15.8
-
nC
Rg
Gate input resistance
f = 1 MHz, ID = 0 A
-
1.4
-
Ω
Table 5. Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
Turn-on switching energy
VDD = 400 V, ID = 20 A,
RG = 18 Ω, VGS = -5 V to 18 V
-
76.4
-
µJ
Eoff
Turn-off switching energy
-
74.9
-
µJ
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 20 A,
RG = 18 Ω, VGS = -5 to 18 V
-
11
-
ns
tr
Rise time
-
5
-
ns
td(off)
Turn-off delay time
-
36
-
ns
tf
Fall time
-
16
-
ns
SCT040TO65G3
Electrical characteristics
DS14654 - Rev 1
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com