Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT040TO65G3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SCT040TO65G3
Description  Silicon carbide Power MOSFET 650 V, 40 mΩ typ., 35 A in a TO-LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT040TO65G3 Datasheet(HTML) 4 Page - STMicroelectronics

  SCT040TO65G3 Datasheet HTML 1Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 2Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 3Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 4Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 5Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 6Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 7Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 8Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Table 7. Reverse SiC diode characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD(1)
Continuous diode forward current
TC = 25 °C
-
35
A
TC = 100 °C
-
35
VSD
Diode forward voltage
ISD = 20 A, VGS = 0 V
-
2.8
V
trr
Reverse recovery time
ISD = 20 A, 1 kA/μs, VDD = 400 V
-
14
ns
Qrr
Reverse recovery charge
-
82
nC
IRRM
Reverse recovery current
-
9.4
A
1. ISD is limited by package.
SCT040TO65G3
Electrical characteristics
DS14654 - Rev 1
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com