Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT040TO65G3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SCT040TO65G3
Description  Silicon carbide Power MOSFET 650 V, 40 mΩ typ., 35 A in a TO-LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT040TO65G3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SCT040TO65G3 Datasheet HTML 2Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 3Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 4Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 5Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 6Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 7Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 8Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 9Page - STMicroelectronics SCT040TO65G3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 7. Typical gate charge characteristics
GADG280320241238QVG
16
12
8
4
0
-4
-8
0
8
16
24
32
40
VGS
(V)
Qg (nC)
ID = 20 A
VDD = 400 V
Figure 8. Typical capacitance characteristics
GADG280320241238CVR
10 3
10 2
10 1
10 -1
10 0
10 1
10 2
C
(pF)
VDS (V)
f = 1 MHz
Figure 9. Typical switching energy vs drain current
GADG040420241015SDC
240
200
160
120
80
40
0
0
6
12
18
24
30
36
E
(μJ)
ID (A)
VDD = 400 V,
VGS = -5 to 18 V
RG = 18 Ω,
Etot
Eoff
Eon
Figure 10. Typical switching energy vs gate resistance
GADG280320241258SLG
200
160
120
80
40
0
12
14
16
18
20
22
E
(μJ)
RG (Ω)
VDD = 400 V,
VGS = -5 to 18 V
ID = 20 A,
Eon
Eoff
Etot
Figure 11. Typical switching energy vs supply voltage
GADG280320241257VDD
200
160
120
80
40
0
100
200
300
400
500
E
(μJ)
VDD (V)
VGS = -5 to 18 V
RG = 18 Ω,
ID = 20 A,
Eon
Eoff
Etot
Figure 12. Typical switching energy vs temperature
GADG280320241259SLT
200
160
120
80
40
0
-25
25
75
125
E
(μJ)
TJ (°C)
VDD = 400 V,
VGS = -5 to 18 V
RG = 18 Ω,
ID = 20 A,
Eon
Eoff
Etot
SCT040TO65G3
Electrical characteristics
DS14654 - Rev 1
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com