Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8564Q Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8564Q
Description  2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8564Q Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8564Q Datasheet HTML 1Page - NXP Semiconductors TDA8564Q Datasheet HTML 2Page - NXP Semiconductors TDA8564Q Datasheet HTML 3Page - NXP Semiconductors TDA8564Q Datasheet HTML 4Page - NXP Semiconductors TDA8564Q Datasheet HTML 5Page - NXP Semiconductors TDA8564Q Datasheet HTML 6Page - NXP Semiconductors TDA8564Q Datasheet HTML 7Page - NXP Semiconductors TDA8564Q Datasheet HTML 8Page - NXP Semiconductors TDA8564Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
February 1995
6
Philips Semiconductors
Preliminary specification
2
× 24 W BTL or 4 × 12 W single-ended car
radio power amplifier
TDA8564Q
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
18
V
non-operating
30
V
load dump protection
during 50 ms; tr ≥ 2.5 ms −
45
V
Vpsc
AC and DC short-circuit safe voltage
18
V
Vpr
reverse polarity
6
V
IOSM
non-repetitive peak output current
6
A
IORM
repetitive peak output current
4
A
Ptot
total power dissipation
60
W
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Tvj
virtual junction temperature
150
°C
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
40
K/W
Rth j-c
thermal resistance from junction to case (see Figs 7 and 8)
1.3
K/W
Fig.7
Equivalent thermal resistance network;
BTL application.
handbook, halfpage
2.2 K/W
0.2 K/W
2.2 K/W
virtual junction
output 1
output 2
case
MEA861 - 1
Fig.8
Equivalent thermal resistance network;
single-ended application.
handbook, halfpage
3.0 K/W
0.7 K/W
3.0 K/W
virtual junction
output 1
output 2
case
3.0 K/W
0.7 K/W
3.0 K/W
output 3
output 4
MEA860 - 2
0.2 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com