Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8564Q Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA8564Q
Description  2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8564Q Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8564Q Datasheet HTML 7Page - NXP Semiconductors TDA8564Q Datasheet HTML 8Page - NXP Semiconductors TDA8564Q Datasheet HTML 9Page - NXP Semiconductors TDA8564Q Datasheet HTML 10Page - NXP Semiconductors TDA8564Q Datasheet HTML 11Page - NXP Semiconductors TDA8564Q Datasheet HTML 12Page - NXP Semiconductors TDA8564Q Datasheet HTML 13Page - NXP Semiconductors TDA8564Q Datasheet HTML 14Page - NXP Semiconductors TDA8564Q Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
February 1995
13
Philips Semiconductors
Preliminary specification
2
× 24 W BTL or 4 × 12 W single-ended car
radio power amplifier
TDA8564Q
Fig.15 Channel separation as a function of frequency.
handbook, full pagewidth
80
30
10 5
MGA719
10 4
10 3
10 2
10
70
60
50
40
f (Hz)
(dB)
α cs
(1) On condition.
Fig.16 Ripple rejection as a function of frequency; VP = 14.4 V; Vripple = 2 V (p-p); Rs = 0 Ω (single-ended).
handbook, full pagewidth
60
35
10 5
MLC814
10 4
10 3
10 2
10
55
50
45
40
f (Hz)
SVRR
(dB)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com