Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8564Q Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8564Q
Description  2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8564Q Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8564Q Datasheet HTML 3Page - NXP Semiconductors TDA8564Q Datasheet HTML 4Page - NXP Semiconductors TDA8564Q Datasheet HTML 5Page - NXP Semiconductors TDA8564Q Datasheet HTML 6Page - NXP Semiconductors TDA8564Q Datasheet HTML 7Page - NXP Semiconductors TDA8564Q Datasheet HTML 8Page - NXP Semiconductors TDA8564Q Datasheet HTML 9Page - NXP Semiconductors TDA8564Q Datasheet HTML 10Page - NXP Semiconductors TDA8564Q Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
February 1995
8
Philips Semiconductors
Preliminary specification
2
× 24 W BTL or 4 × 12 W single-ended car
radio power amplifier
TDA8564Q
AC CHARACTERISTICS
VP = 14.4 V; RL = 4 Ω; f = 1 kHz; Tamb = 25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Stereo BTL application (measured in Fig.17)
Po
output power
THD = 0.5%; note 1
15
19
W
THD = 10%; note 1
20
24
W
Po
output power
VP = 13.2 V; THD = 0.5%; note 1 −
16
W
VP = 13.2 V; THD = 10%; note 1 −
20
W
THD
total harmonic distortion
Po = 1 W
0.1
%
flr
low frequency roll-off
at
−1 dB; note 2
45
Hz
fhr
high frequency roll-off
at
−1 dB
20
kHz
Gv
closed loop voltage gain
45
46
47
dB
SVRR
supply voltage ripple rejection
on
note 3
38
41
dB
mute
note 3
42
48
dB
standby
note 3
80
dB
|Z
i|
input impedance
25
30
38
k
Vno
noise output voltage
on
Rs = 0 Ω; note 4
200
µV
on
Rs = 10 kΩ; note 4
350
700
µV
mute
notes 4 and 5
180
µV
α
cs
channel separation
Rs = 10 kΩ
40
dB
|∆G
v|
channel unbalance
1
dB
DYNAMIC DISTORTION DETECTOR
THD
total harmonic distortion
V16 ≤ 0.6 V; no short-circuit
10
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com