Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8564Q Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8564Q
Description  2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8564Q Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8564Q Datasheet HTML 7Page - NXP Semiconductors TDA8564Q Datasheet HTML 8Page - NXP Semiconductors TDA8564Q Datasheet HTML 9Page - NXP Semiconductors TDA8564Q Datasheet HTML 10Page - NXP Semiconductors TDA8564Q Datasheet HTML 11Page - NXP Semiconductors TDA8564Q Datasheet HTML 12Page - NXP Semiconductors TDA8564Q Datasheet HTML 13Page - NXP Semiconductors TDA8564Q Datasheet HTML 14Page - NXP Semiconductors TDA8564Q Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
February 1995
15
Philips Semiconductors
Preliminary specification
2
× 24 W BTL or 4 × 12 W single-ended car
radio power amplifier
TDA8564Q
Fig.18 Quad single-ended application circuit diagram 1.
handbook, full pagewidth
MGC047
100
nF
16
5
13
220 nF
1
6
8
7
11
VP
TDA8564Q
2200
µF
60
k
2
ground (signal)
10
k
14
9
not connected
3
inverting
input 2
60
k
60
k
reference
voltage
220 nF
17
12
60
k
non-inverting
input 4
4
15
10
power ground (substrate)
non- inverting
input 1
supply voltage
ripple rejection
inverting
input 3
220 nF
1/2Vp
1000
µF
220 nF
1000
µF
1000
µF
1000
µF
mode
switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com