Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8564Q Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDA8564Q
Description  2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8564Q Datasheet(HTML) 1 Page - NXP Semiconductors

  TDA8564Q Datasheet HTML 1Page - NXP Semiconductors TDA8564Q Datasheet HTML 2Page - NXP Semiconductors TDA8564Q Datasheet HTML 3Page - NXP Semiconductors TDA8564Q Datasheet HTML 4Page - NXP Semiconductors TDA8564Q Datasheet HTML 5Page - NXP Semiconductors TDA8564Q Datasheet HTML 6Page - NXP Semiconductors TDA8564Q Datasheet HTML 7Page - NXP Semiconductors TDA8564Q Datasheet HTML 8Page - NXP Semiconductors TDA8564Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 1995
2
Philips Semiconductors
Preliminary specification
2
× 24 W BTL or 4 × 12 W single-ended
car radio power amplifier
TDA8564Q
FEATURES
• Requires very few external components
• High output power
• Flexibility in use - Quad single-ended or stereo BTL
• Low output offset voltage
• Fixed gain
• Diagnostic facility (distortion, short-circuit and
temperature detection)
• Good ripple rejection
• Mode select switch (operating, mute and standby)
• Load dump protection
• AC and DC short-circuit safe to ground and to VP
• Low power dissipation in any short-circuit condition
• Thermally protected
• Reverse polarity safe
• Electrostatic discharge protection
• No switch-on/switch-off plop
• Flexible leads
• Low thermal resistance
• Identical inputs (inverting and non-inverting).
GENERAL DESCRIPTION
The TDA8564Q is an integrated class-B output amplifier in
a 17-lead DIL-bent-SIL power package. It contains
4
× 12 W single-ended or 2 × 24 W bridge amplifiers.
APPLICATIONS
• The device is primarily developed for car radio
applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
operating supply voltage
6.0
14.4
18.0
V
IORM
repetitive peak output current
4
A
Iq(tot)
total quiescent current
80
mA
Istb
standby current
0.1
100
µA
Stereo BTL application
Po
output power
RL = 4 Ω; THD = 10%
24
W
SVRR
supply voltage ripple rejection
41
dB
Vno
noise output voltage
Rs = 0 Ω
200
µV
|Z
I|
input impedance
25
k
|∆V
O|
DC output offset voltage
250
mV
Quad single-ended application
Po
output power
RL = 4 Ω; THD = 10%
6.4
W
RL = 2 Ω; THD = 10%
12
W
SVRR
supply voltage ripple rejection
41
dB
Vno
noise output voltage
Rs = 0 Ω
200
µV
|Z
I|
input impedance
50
k
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8564Q
DBS17P
plastic DIL-bent-SIL power package; 17 leads (lead length 12 mm)
SOT243-1


Similar Part No. - TDA8564Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8560 PHILIPS-TDA8560 Datasheet
105Kb / 16P
2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

Similar Description - TDA8564Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com