Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8564Q Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8564Q
Description  2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8564Q Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8564Q Datasheet HTML 1Page - NXP Semiconductors TDA8564Q Datasheet HTML 2Page - NXP Semiconductors TDA8564Q Datasheet HTML 3Page - NXP Semiconductors TDA8564Q Datasheet HTML 4Page - NXP Semiconductors TDA8564Q Datasheet HTML 5Page - NXP Semiconductors TDA8564Q Datasheet HTML 6Page - NXP Semiconductors TDA8564Q Datasheet HTML 7Page - NXP Semiconductors TDA8564Q Datasheet HTML 8Page - NXP Semiconductors TDA8564Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
February 1995
4
Philips Semiconductors
Preliminary specification
2
× 24 W BTL or 4 × 12 W single-ended car
radio power amplifier
TDA8564Q
PINNING
SYMBOL
PIN
DESCRIPTION
−INV1
1
non-inverting input 1
SGND
2
signal ground
INV2
3
inverting input 2
SVRR
4
supply voltage ripple rejection
VP1
5
supply voltage 1
OUT1
6
output 1
GND1
7
power ground 1
OUT2
8
output 2
n.c.
9
not connected
OUT3
10
output 3
GND2
11
power ground 2
OUT4
12
output 4
VP2
13
supply voltage 2
MODE
14
mode select switch input
INV3
15
inverting input 3
VDIAG
16
diagnostic output
−INV4
17
non-inverting input 4
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
TDA8564Q
INV1
SGND
INV2
SVRR
OUT1
GND1
OUT2
n.c.
OUT3
GND2
OUT4
V
MODE
INV3
DIAG
INV4
P2
V P1
MLC810
V
FUNCTIONAL DESCRIPTION
The TDA8564Q contains four identical amplifiers which
can be used for single-ended or bridge applications. The
gain of each amplifier is fixed at 40 dB (46 dB in BTL).
Special features of the device are as follows.
Mode select switch (pin 14)
• Low standby current (<100 µA)
• Low switching current (low cost supply switch)
• Mute facility.
To avoid switch-on plops, it is advised to keep the amplifier
in the mute mode during
≥100 ms (charging of the input
capacitors at pins 1, 3, 15 and 17).
This can be achieved by:
• Microcontroller control
• External timing circuit (see Fig.3).
The circuit in Fig.3 slowly ramps up the voltage at the
mode select switch pin when switching on and results in
fast muting when switching off.
In the event of fast switching at mode select pin it is
advised to increase the 1
⁄2VP decoupling capacitor (pin 4)
to 150
µF to avoid switch plops.
Fig.3 Mode select switch circuitry.
handbook, halfpage
100 k
Ω
MGA708
47
µF
10 k
Ω
10 k
Ω
mode
select
switch
VP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com