Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8564Q Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8564Q
Description  2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8564Q Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8564Q Datasheet HTML 2Page - NXP Semiconductors TDA8564Q Datasheet HTML 3Page - NXP Semiconductors TDA8564Q Datasheet HTML 4Page - NXP Semiconductors TDA8564Q Datasheet HTML 5Page - NXP Semiconductors TDA8564Q Datasheet HTML 6Page - NXP Semiconductors TDA8564Q Datasheet HTML 7Page - NXP Semiconductors TDA8564Q Datasheet HTML 8Page - NXP Semiconductors TDA8564Q Datasheet HTML 9Page - NXP Semiconductors TDA8564Q Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
February 1995
7
Philips Semiconductors
Preliminary specification
2
× 24 W BTL or 4 × 12 W single-ended car
radio power amplifier
TDA8564Q
DC CHARACTERISTICS
VP = 14.4 V; Tamb = 25 °C; measured in Fig.17; unless otherwise specified.
Notes
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V.
2. At 18 V < VP < 30 V the DC output voltage ≤12VP.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
6.0
14.4
18.0
V
Iq
quiescent current
see Fig.9
80
160
mA
VO
DC output voltage
note 2
6.9
V
|∆VO|
DC output offset voltage
250
mV
Mute select switch
V14
switch-on voltage level
8.5
V
MUTE CONDITION
Vmute
mute voltage
3.3
6.4
V
VO
output signal in mute position
VI(max) = 1 V; f = 1 kHz
20
mV
|∆V
O|
DC output offset voltage
250
mV
STANDBY CONDITION
Vstb
DC voltage in standby condition
0
2
V
Istb
DC current in standby condition
100
µA
Isw
switch-on current
12
40
µA
Diagnostic output (pin 16)
VDIAG
diagnostic output voltage
any short-circuit or clipping
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com