Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6271R-E/MS Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP6271R-E/MS
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271R-E/MS Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP6271R-E/MS Datasheet HTML 19Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 20Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 21Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 22Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 23Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 24Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 25Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 26Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21810E-page 23
MCP6271/1R/2/3/4/5
8-Lead Plastic Micro Small Outline Package (MS) (MSOP)
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
L
L1
ϕ
c
A2
A1
A
b
2
1
NOTE 1
e
E
E1
D
N
Number of Pins
Pitch
Overall Height
Molded Package Thickness
Standoff
Overall Width
Molded Package Width
Overall Length
Foot Length
Footprint
Foot Angle
Lead Thickness
Lead Width
Units
Dimension Limits
N
e
A
A2
A1
E
E1
D
L
L1
ϕ
c
b
—
0.75
0.00
0.40
0°
0.08
0.22
8
0.65 BSC
—
0.85
—
4.90 BSC
3.00 BSC
3.00 BSC
0.60
0.95 REF
—
—
—
1.10
0.95
0.15
0.80
8°
0.23
0.40
MIN
NOM
MAX
MILLIMETERS
Notes:
1. Pin 1 visual index feature may vary, but must be located within the hatched area.
2. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions
shall not exceed 0.15 mm per side.
3. Dimensioning and tolerancing per ASME Y14.5M
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
Microchip Technology Drawing No. C04–111, Sept. 8, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com