Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6271R-E/MS Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6271R-E/MS
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271R-E/MS Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6271R-E/MS Datasheet HTML 3Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 4Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 5Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 6Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 7Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 8Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 9Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 10Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21810E-page 7
MCP6271/1R/2/3/4/5
TYPICAL PERFORMANCE CURVES (Continued)
Note: Unless otherwise indicated, TA = +25°C, VCM = +2.0V to +5.5V, VSS = GND, VCM =VDD/2, VOUT ≈ VDD/2,
RL =10kΩ to VDD/2, CL = 60 pF, and CS is tied low.
FIGURE 2-13:
Input Bias, Offset Currents
vs. Common Mode Input Voltage, with
TA =+85°C.
FIGURE 2-14:
Quiescent Current vs.
Supply Voltage.
FIGURE 2-15:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-16:
Input Bias, Offset Currents
vs. Common Mode Input Voltage, with
TA = +125°C.
FIGURE 2-17:
Output Voltage Headroom
vs. Output Current Magnitude.
FIGURE 2-18:
Gain Bandwidth Product,
Phase Margin vs. Temperature.
-25
-15
-5
5
15
25
35
45
55
0.00.5 1.01.5 2.02.5 3.03.5 4.0 4.5 5.0 5.5
Common Mode Input Voltage (V)
TA = 85°C
VDD = 5.5V
Input Bias Current
Input Offset Current
0
50
100
150
200
250
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5
Power Supply Voltage (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-20
0
20
40
60
80
100
120
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
Gain
Phase
0.1
1
10 100 1k 10k 100k 1M 10M 100M
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Common Mode Input Voltage (V)
TA = 125°C
VDD = 5.5V
Input Bias Current
Input Offset Current
1
10
100
1000
0.01
0.1
1
10
Output Current Magnitude (mA)
VOL – VSS
VDD – VOH
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
50
55
60
65
70
75
80
PM, VDD = 5.5V
VDD = 2.0V
GBWP, VDD = 5.5V
VDD = 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com