Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6271R-E/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6271R-E/MS
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271R-E/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6271R-E/MS Datasheet HTML 10Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 11Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 12Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 13Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 14Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 15Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 16Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 17Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
MCP6271/1R/2/3/4/5
DS21810E-page 14
© 2006 Microchip Technology Inc.
4.6
Unused Amplifiers
An unused op amp in a quad package (MCP6274)
should be configured as shown in Figure 4-6. These
circuits prevent the output from toggling and causing
crosstalk. In Circuit A, R1 and R2 produce a voltage
within its output voltage range (VOH, VOL). The op amp
buffers this voltage, which can be used elsewhere in
the circuit. Circuit B uses the minimum number of
components and operates as a comparator.
FIGURE 4-6:
Unused Op Amps.
4.7
Supply Bypass
With this family of operational amplifiers, the power
supply pin (VDD for single supply) should have a local
bypass capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm
for good, high frequency performance. It also needs a
bulk capacitor (i.e., 1 µF or larger) within 100 mm to
provide large, slow currents. This bulk capacitor can be
shared with nearby analog parts.
4.8
PCB Surface Leakage
In applications where low input bias current is critical,
Printed Circuit Board (PCB) surface leakage effects
need to be considered. Surface leakage is caused by
humidity, dust or other contamination on the board.
Under low humidity conditions, a typical resistance
between nearby traces is 1012
Ω. A 5V difference would
cause 5 pA of current to flow. This is greater than the
MCP6271/1R/2/3/4/5 family’s bias current at 25°C
(1 pA, typ.).
The easiest way to reduce surface leakage is to use a
guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin.
An example of this type of layout is illustrated in
Figure 4-7.
FIGURE 4-7:
Example Guard Ring Layout
for Inverting Gain.
1.
For
Inverting
Gain
and
Transimpedance
Amplifiers (convert current to voltage, such as
photo detectors):
a) Connect the guard ring to the non-inverting
input pin (VIN+). This biases the guard ring
to the same reference voltage as the op
amp (e.g., VDD/2 or ground).
b) Connect the inverting pin (VIN–) to the input
with a wire that does not touch the PCB
surface.
2.
Non-inverting Gain and Unity Gain Buffer:
a) Connect the non-inverting pin (VIN+) to the
input with a wire that does not touch the
PCB surface.
b) Connect the guard ring to the inverting input
pin (VIN–). This biases the guard ring to the
common mode input voltage.
¼ MCP6274 (A)
VDD
¼ MCP6274 (B)
R1
R2
VDD
VDD
Guard Ring
VSS
VIN–VIN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com