Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6271R-E/MS Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6271R-E/MS
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271R-E/MS Datasheet(HTML) 3 Page - Microchip Technology

  MCP6271R-E/MS Datasheet HTML 1Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 2Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 3Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 4Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 5Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 6Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 7Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 8Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21810E-page 3
MCP6271/1R/2/3/4/5
AC ELECTRICAL SPECIFICATIONS
TEMPERATURE SPECIFICATIONS
Output
Maximum Output Voltage Swing
VOL, VOH
VSS +15
—
VDD − 15
mV
0.5V output overdrive (Note 4)
Output Short Circuit Current
ISC
—±25
—
mA
Power Supply
Supply Voltage
VDD
2.0
—
5.5
V
Quiescent Current per Amplifier
IQ
100
170
240
µA
IO = 0
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.0V to +5.5V, VSS =GND,
VCM =VDD/2, VOUT ≈ VDD/2, RL =10kΩ to VDD/2, CL = 60 pF and and CS is tied low.
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
2.0
—
MHz
Phase Margin
PM
—
65
—
°
G = +1
Slew Rate
SR
—
0.9
—
V/µs
Noise
Input Noise Voltage
Eni
—
4.6
—
µVP-P
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—
20
—
nV/
√Hz f = 1 kHz
Input Noise Current Density
ini
—
3—
fA/
√Hz f = 1 kHz
Electrical Characteristics: Unless otherwise indicated, VDD = +2.0V to +5.5V and VSS =GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
–40
—
+125
°C
Operating Temperature Range
TA
–40
—
+125
°C
Note
Storage Temperature Range
TA
–65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT-23
θJA
—256
—
°C/W
Thermal Resistance, 6L-SOT-23
θJA
—230
—
°C/W
Thermal Resistance, 8L-PDIP
θJA
—85
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—163
—
°C/W
Thermal Resistance, 8L-MSOP
θJA
—206
—
°C/W
Thermal Resistance, 14L-PDIP
θJA
—
70
—
°C/W
Thermal Resistance, 14L-SOIC
θJA
—
120
—
°C/W
Thermal Resistance, 14L-TSSOP
θJA
—
100
—
°C/W
Note:
The Junction Temperature (TJ) must not exceed the Absolute Maximum specification of +150°C.
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.0V to +5.5V, VSS = GND, VCM =VDD/2,
VOUT ≈ VDD/2, RL =10 kΩ to VDD/2 and CS is tied low.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The MCP6275’s VCM for op amp B (pins VOUTA/VINB+ and VINB–) is VSS +100 mV.
2:
The current at the MCP6275’s VINB– pin is specified by IB only.
3:
This specification does not apply to the MCP6275’s VOUTA/VINB+ pin.
4:
The MCP6275’s VINB– pin (op amp B) has a common mode input voltage range (VCMR) of VSS + 100 mV to
VDD – 100 mV. CMRR is not measured for op amp B of the MCP6275. The MCP6275’s VOUTA/VINB+ pin (op amp B)
has a voltage range specified by VOH and VOL.
5:
Set by design and characterization.
6:
Does not apply to op amp B of the MCP6275.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com