Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6271R-E/MS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6271R-E/MS
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271R-E/MS Datasheet(HTML) 5 Page - Microchip Technology

  MCP6271R-E/MS Datasheet HTML 1Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 2Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 3Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 4Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 5Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 6Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 7Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 8Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21810E-page 5
MCP6271/1R/2/3/4/5
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.0V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
RL =10kΩ to VDD/2, CL = 60 pF and CS is tied low.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Bias Current at
TA =+85°C.
FIGURE 2-3:
Input Offset Voltage vs.
Common Mode Input Voltage, with VDD =2.0V.
FIGURE 2-4:
Input Offset Voltage Drift.
FIGURE 2-5:
Input Bias Current at
TA = +125°C.
FIGURE 2-6:
Input Offset Voltage vs.
Common Mode Input Voltage, with VDD =5.5V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
Input Offset Voltage (mV)
832 Samples
VCM = VSS
0%
4%
8%
12%
16%
20%
24%
28%
32%
0
1020
304050
6070
8090 100
Input Bias Current (pA)
422 Samples
TA = 85°C
-100
-50
0
50
100
150
200
250
300
Common Mode Input Voltage (V)
VDD = 2.0V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
0%
2%
4%
6%
8%
10%
12%
14%
Input Offset Voltage Drift (µV/°C)
832 Samples
VCM = VSS
TA = -40°C to +125°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
22%
Input Bias Current (nA)
422 Samples
TA = +125°C
-100
-50
0
50
100
150
200
250
300
Common Mode Input Voltage (V)
VDD = 5.5V
TA = +85°C
TA = +25°C
TA = -40°C
TA = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com