Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6271R-E/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6271R-E/MS
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271R-E/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6271R-E/MS Datasheet HTML 11Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 12Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 13Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 14Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 15Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 16Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 17Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 18Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21810E-page 15
MCP6271/1R/2/3/4/5
4.9
Application Circuits
4.9.1
ACTIVE FULL-WAVE RECTIFIER
The MCP6271/1R/2/3/4/5 family of amplifiers can be
used in applications such as an Active Full-Wave
Rectifier or an Absolute Value circuit, as shown in
Figure 4-8. The amplifier and feedback loops in this
active voltage rectifier circuit eliminate the diode drop
problem that exists in a passive voltage rectifier. This
circuit behaves as a follower (the output follows the
input) as long as the input signal is more positive than
the reference voltage. If the input signal is more
negative than the reference voltage, however, the
circuit behaves as an inverting amplifier. Therefore, the
output voltage will always be above the reference
voltage, regardless of the input signal.
FIGURE 4-8:
Active Full-wave Rectifier.
The design equations give a gain of ±1 from VIN to
VOUT, and produce rail-to-rail outputs.
4.9.2
LOSSY NON-INVERTING
INTEGRATOR
The non-inverting integrator shown in Figure 4-9 is
easy to build. It saves one op amp over the typical
Miller integrator plus inverting amplifier configuration.
The phase accuracy of this integrator depends on the
matching of the input and feedback resistor-capacitor
time constants. RF makes this a lossy integrator (it has
finite gain at DC), and makes this integrator stable by
itself.
FIGURE 4-9:
Non-Inverting Integrator.
–
+
–
+
VIN
VOUT
VREF
VREF
R1
R3
R4
R5
R2
Op Amp A
Op Amp B
D1
D2
VREF
VREF
time
time
Input
Output
R5
R2R4
2R3
------------
=
R1
R2
R3
==
1/2
MCP6272
1/2
MCP6272
R4 R3
<1
VD1
VREF VSS
–
----------------------------
–
⎝⎠
⎛⎞
+
_
C1
C2
R1
R2
VIN
VOUT
RF
VOUT
VIN
-------------
1
sR1C1
()
--------------------
f
1
2
πR
1C1 1
RF R2
⁄
+
()
---------------------------------------------------
≈
,
≈
MCP6271
RF R2
≈
R1C1
R2||RF
()C
2
=
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com