Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6271R-E/MS Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP6271R-E/MS
Description  170 關A, 2 MHz Rail-to-Rail Op Amp
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6271R-E/MS Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP6271R-E/MS Datasheet HTML 26Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 27Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 28Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 29Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 30Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 31Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 32Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 33Page - Microchip Technology MCP6271R-E/MS Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2006 Microchip Technology Inc.
DS21810E-page 31
MCP6271/1R/2/3/4/5
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6271:
Single Op Amp
MCP6271T:
Single Op Amp
(Tape and Reel)
(SOIC, MSOP, SOT-23-5)
MCP6271RT:
Single Op Amp
(Tape and Reel) (SOT-23-5)
MCP6272:
Dual Op Amp
MCP6272T:
Dual Op Amp
(Tape and Reel) (SOIC, MSOP)
MCP6273:
Single Op Amp with Chip Select
MCP6273T:
Single Op Amp with Chip Select
(Tape and Reel)
(SOIC, MSOP, SOT-23-6)
MCP6274:
Quad Op Amp
MCP6274T:
Quad Op Amp
(Tape and Reel) (SOIC, TSSOP)
MCP6275:
Dual Op Amp with Chip Select
MCP6275T:
Dual Op Amp with Chip Select
(Tape and Reel) (SOIC, MSOP)
Temperature Range:
E
= -40°C to +125°C
Package:
OT = Plastic Small Outline Transistor (SOT-23), 5-lead
(MCP6271, MCP6271R)
CH = Plastic Small Outline Transistor (SOT-23), 6-lead
(MCP6273)
MS = Plastic MSOP, 8-lead
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
SN = Plastic SOIC, (150 mil Body), 8-lead
SL = Plastic SOIC (150 mil Body), 14-lead
ST = Plastic TSSOP (4.4 mm Body), 14-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6271-E/SN:
Extended Temperature,
8LD SOIC package.
b)
MCP6271-E/MS:
Extended Temperature,
8LD MSOP package.
c)
MCP6271-E/P:
Extended Temperature,
8LD PDIP package.
d)
MCP6271T-E/OT:
Tape and Reel,
Extended Temperature,
5LD SOT-23 package.
a)
MCP6271RT-E/OT: Tape and Reel,
Extended Temperature,
5LD SOT-23 package.
a)
MCP6272-E/SN:
Extended Temperature,
8LD SOIC package.
b)
MCP6272-E/MS:
Extended Temperature,
8LD MSOP package.
c)
MCP6272-E/P:
Extended Temperature,
8LD PDIP package.
d)
MCP6272T-E/SN: Tape and Reel,
Extended Temperature,
8LD SOIC package.
a)
MCP6273-E/SN:
Extended Temperature,
8LD SOIC package.
b)
MCP6273-E/MS:
Extended Temperature,
8LD MSOP package.
c)
MCP6273-E/P:
Extended Temperature,
8LD PDIP package.
d)
MCP6273T-E/CH: Extended Temperature,
6LD SOT-23 package.
a)
MCP6274-E/P:
Extended Temperature,
14LD PDIP package.
b)
MCP6274T-E/SL:
Tape and Reel,
Extended Temperature,
14LD SOIC package.
c)
MCP6274-E/SL:
Extended Temperature,
14LD SOIC package.
d)
MCP6274-E/ST:
Extended Temperature,
14LD TSSOP package.
a)
MCP6275-E/SN:
Extended Temperature,
8LD SOIC package.
b)
MCP6275-E/MS:
Extended Temperature,
8LD MSOP package.
c)
MCP6275-E/P:
Extended Temperature,
8LD PDIP package.
d)
MCP6275T-E/SN: Tape and Reel,
Extended Temperature,
8LD SOIC package.
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com