Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU7002ACBZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAU7002ACBZ-R7
Description  Stereo PDM-to-I2S or TDM Conversion IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU7002ACBZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADAU7002ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
ADAU7002
Rev. C | Page 3 of 16
SPECIFICATIONS
IOVDD = 1.8 V, TA = 25°C, BCLK = 3.072 MHz, output = 48 kHz, I2S format, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DIGITAL INPUT/OUTPUT
High Level Input Voltage (VIH)
0.7 × IOVDD
V
Low Level Input Voltage (VIL)
0.3 × IOVDD
V
Input Leakage, High (IIH)
BCLK and LRCLK pins
1
µA
Input Leakage, Low (IIL)
BCLK and LRCLK pins
1
µA
Input Capacitance
5
pF
SDATA
4.5
mA
PDM_CLK
9
mA
PERFORMANCE
Dynamic Range
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
110
dB
Signal-to-Noise-Ratio
A-weighted, fourth-order input
110
dB
Decimation Ratio
64×
Frequency Response
DC to 0.45 output fS
−0.1
+0.01
dB
Stop Band
0.566
fS
Stop-Band Attenuation
60
dB
Group Delay
0.02 fS input signal
3.31
LRCLK cycles
Gain
PDM to PCM
0
dB
Start-Up Time
48
LRCLK cycles
Bit Width
Internal and output
20
Bits
Interchannel Phase
0
Degrees
CLOCKING
Output Sampling Rate
fS LRCLK pulse rate
4
48
96
kHz
BCLK Frequency
fBCLK
0.256
3.072
24.576
MHz
POWER SUPPLIES
Supply Voltage Range
IOVDD
1.62
3.6
V
Supply Current
IOVDD = 1.8 V
0.67
mA
IOVDD = 3.3 V
1.33
mA
IOVDD = 1.8 V, 16 kHz output
0.21
mA
IOVDD = 3.3 V, 16 kHz output
0.41
mA
Shutdown Current
IOVDDSD, no input clocks
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com