Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU7002ACBZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADAU7002ACBZ-R7
Description  Stereo PDM-to-I2S or TDM Conversion IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU7002ACBZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADAU7002ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 15Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADAU7002
Rev. C | Page 13 of 16
OUTLINE DIMENSIONS
A
B
C
D
0.560
0.500
0.440
0.230
0.200
0.170
0.330
0.300
0.270
0.800
0.760
0.720
1.600
1.560
1.520
1
2
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.300
0.260
0.220
1.20
REF
0.40
BSC
0.40 BSC
BALL A1
IDENTIFIER
ORIENTATION
IDENTIFIER
SEATING
PLANE
COPLANARITY
0.05
Figure 22. 8-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-8-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package
Option
Marking Code
ADAU7002ACBZ-R7
−40°C to +85°C
8-Ball Wafer Level Chip Scale Package [WLCSP], 7”Tape and Reel
CB-8-6
BE
ADAU7002ACBZ-RL
−40°C to +85°C
8-Ball Wafer Level Chip Scale Package [WLCSP], 13”Tape and Reel
CB-8-6
BE
EVAL-ADAU7002Z
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com