Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU7002ACBZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAU7002ACBZ-R7
Description  Stereo PDM-to-I2S or TDM Conversion IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU7002ACBZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAU7002ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADAU7002
Data Sheet
Rev. C | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
–190
FREQUENCY (Hz)
20
100
1k
10k
20k
CH1
CH2
Figure 3. FFT, fS = 48 kHz, −60 dBFS Input
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.0001
0.001
0.01
0.1
1
NORMALIZED FREQUENCY (RELATIVE TO
fS) (Hz)
Figure 4. Frequency Response
0
1
2
3
4
6
5
7
8
NORMALIZED FREQUENCY (RELATIVE TO
fS) (Hz)
0.0001
0.001
0.01
0.1
1
Figure 5. Group Delay vs. Normalized Frequency (Relative to fS)
0
20
40
60
80
120
100
140
160
FREQUENCY (Hz)
10
100
1k
10k
100k
Figure 6. Group Delay vs. Frequency, fS = 48 kHz
0.0001
0.001
0.01
0.1
1
–140
–120
–100
–80
–60
–20
–40
0
NORMALIZED FREQUENCY (RELATIVE TO
fS) (Hz)
Figure 7. Total Harmonic Distortion + Noise (THD + N) vs.
Normalized Frequency (Relative to fS)
–120
–100
–80
–60
–40
–20
0
–120
–100
–80
–60
–40
–20
0
GENERATOR LEVEL (dBFS)
Figure 8. THD + N Level vs. Generator Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com