Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU7002ACBZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADAU7002ACBZ-R7
Description  Stereo PDM-to-I2S or TDM Conversion IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU7002ACBZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAU7002ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADAU7002
Rev. C | Page 9 of 16
APPLICATIONS INFORMATION
OVERVIEW
The ADAU7002 provides stereo decimation from a 1-bit PDM
source to a 20-bit PCM audio. The downsampling ratio is fixed
at 64×. The 20-bit downsampled PCM audio is output via
standard I2S or TDM formats.
The input source for the ADAU7002 can be any device that has
a PDM output, such as a digital microphone. The output pins of
these microphones can connect directly to the input pins of the
ADAU7002.
CLOCKING
The ADAU7002 requires a BCLK rate that is a minimum of 64×
the LRCLK sample rate. BCLK rates of 128×, 192×, 256×, 384×,
and 512× the LRCLK rate are also supported. The ADAU7002
automatically detects the ratio between BCLK and LRCLK and
generates a PDM clock output at 64× the LRCLK rate. The
minimum sample rate is 4 kHz, and the maximum is 96 kHz,
which correspond to a PDM clock range of 256 kHz to 6.144 MHz.
Internally, all processing is done at the PDM_CLK rate.
When BCLK is removed, the ADAU7002 powers down
automatically. When BCLK is not present, the PDM_CLK
output stops.
Table 5. PDM Timing Parameters
Parameter
tMIN
tMAX
Unit
Data Setup Time, tSETUP
10
ns
Data Hold Time, tHOLD
7
ns
PDM data is latched on both edges of the clock.
Figure 12. PDM Timing Diagram
SERIAL AUDIO OUTPUT INTERFACE
The ADAU7002 supports I2S and TDM serial output formats.
Format selection and TDM slot placement is set with the CONFIG
pin. The SDATA pin is in tristate mode, except when the port is
driving serial data based on the CONFIG pin configuration.
Table 6. TDM Slot Selection
Device Setting
CONFIG Pin Configuration
I2S Format
Tie to IOVDD
TDM Slot 1 to Slot 2 Used/Driven, 32-Bit Slots
Tie to GND
TDM Slot 3 to Slot 4 Used/Driven, 32-Bit Slots
Open
TDM Slot 5 to Slot 6 Used/Driven, 32-Bit Slots
Tie to IOVDD through a 47 kΩ resistor
TDM Slot 7 to Slot 8 Used/Driven, 32-Bit Slots
Tie to GND through a 47 kΩ resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com