Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU7002ACBZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADAU7002ACBZ-R7
Description  Stereo PDM-to-I2S or TDM Conversion IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU7002ACBZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADAU7002ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 14Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADAU7002
Rev. C | Page 11 of 16
SLOT 1
LRCLK
BCLK
SDATA
20
BCLKs
RIGHT
SLOT 2
SLOT 3
SLOT 4
SLOT 5
SLOT 6
SLOT 7
SLOT 8
TRISTATE
TRISTATE
TRISTATE
TRISTATE
TRISTATE
TRISTATE
LEFT
Figure 16. TDM8 Channel 3 and Channel 4, CONFIG Pin Open
SLOT 1
LRCLK
BCLK
SDATA
20
BCLKs
RIGHT
SLOT 2
SLOT 3
SLOT 4
SLOT 5
SLOT 6
SLOT 7
SLOT 8
TRISTATE
TRISTATE
TRISTATE
TRISTATE
LEFT
TRISTATE
TRISTATE
Figure 17. TDM8 Channel 5 to Channel 6, CONFIG Pin Tied to IOVDD Through a 47 kΩ Resistor
SLOT 1
LRCLK
BCLK
SDATA
20
BCLKs
RIGHT
SLOT 2
SLOT 3
SLOT 4
SLOT 5
SLOT 6
SLOT 7
SLOT 8
TRISTATE
TRISTATE
TRISTATE
TRISTATE
LEFT
TRISTATE
TRISTATE
Figure 18. TDM8 Channel 7 and Channel 8, CONFIG Pin Tied to GND Through a 47 kΩ Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com