Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU7002ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAU7002ACBZ-R7
Description  Stereo PDM-to-I2S or TDM Conversion IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU7002ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADAU7002ACBZ-R7 Datasheet HTML 1Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 2Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 3Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Stereo PDM-to-I2S or
TDM Conversion IC
Data Sheet
ADAU7002
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
64× decimation of a stereo pulse density modulation
(PDM)
bit stream to pulse code modulation (PCM) audio data
Slave I2S or time division multiplexed
(TDM) output interface
Configurable TDM slots
I/O supply operation: 1.62 V to 3.6 V
64× output sample rate PDM clock
64×/128×/192×/256×/384×/512× output sample rate BCLK
Automatic BCLK ratio detection
Output sample rate: 4 kHz to 96 kHz
Automatic PDM CLK drive at 64× the sample rate
Automatic power down with BCLK removal
0.67 mA operating current at 48 kHz and 1.8 V IOVDD supply
Shutdown current: <1 μA
8-ball, 1.56 mm × 0.76 mm, 0.4 mm pitch WLCSP
Power-on reset
APPLICATIONS
Mobile computing
Portable electronics
Consumer electronics
GENERAL DESCRIPTION
The ADAU7002 converts a stereo PDM bit stream into a PCM
output. The source for the PDM data can be two microphones
or other PDM sources. The PCM audio data is output on a
serial audio interface port in either I2S or TDM format.
The ADAU7002 is specified over the commercial temperature
range (−40°C to +85°C). It is available in a halide-free, 8-ball,
1.56 mm × 0.76 mm, wafer level chip scale package (WLCSP).
FUNCTIONAL BLOCK DIAGRAM
PDM_CLK
CONFIG
GND
1.62V TO 3.6V
IOVDD
PDM_DAT
BCLK
LRCLK
SDATA
PDM
INPUT
PORT
DIGITAL
DECIMATION
FILTERING
ADAU7002
I2S
OUTPUT
PORT
Figure 1.


Similar Part No. - ADAU7002ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU7002ACBZ-R7 AD-ADAU7002ACBZ-R7 Datasheet
295Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
REV. 0
ADAU7002ACBZ-R7 AD-ADAU7002ACBZ-R7 Datasheet
365Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
11/2016-Rev. A to Rev. B
More results

Similar Description - ADAU7002ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20873 CONEXANT-CX20873 Datasheet
621Kb / 2P
Full duplex stereo I2S/PCM
logo
Analog Devices
ADAU7002 AD-ADAU7002 Datasheet
295Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
REV. 0
ADAU7002 AD-ADAU7002_16 Datasheet
365Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
11/2016-Rev. A to Rev. B
logo
Shenzhen X-Powers Techn...
AC101 XPOWER-AC101 Datasheet
237Kb / 3P
I2S/PCM Audio Interfaces Stereo CODEC
logo
Texas Instruments
PCMD3180 TI1-PCMD3180 Datasheet
3Mb / 109P
PCMD3180 Octal-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140 Datasheet
4Mb / 107P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140_V01 Datasheet
4Mb / 106P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140-Q1 TI-PCMD3140-Q1 Datasheet
5Mb / 111P
PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
APRIL 2022
PCMD3140-Q1 TI-PCMD3140-Q1_V01 Datasheet
5Mb / 111P
PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
REVISED SEPTEMBER 2022
logo
Analog Devices
ADAU7118 AD-ADAU7118 Datasheet
670Kb / 35P
8-Channel, PDM to I2S/TDM Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com