Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU7002ACBZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADAU7002ACBZ-R7
Description  Stereo PDM-to-I2S or TDM Conversion IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU7002ACBZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAU7002ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 12Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 13Page - Analog Devices ADAU7002ACBZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADAU7002
Data Sheet
Rev. C | Page 10 of 16
Serial Port Timing
BCLK
LRCLK
SDATA
TDM MODE
SDATA
I2S JUSTIFIED
MODE
tBIH
MSB
MSB
MSB – 1
tBIL
tLIS
tLIH
tSODM
tSODM
Figure 13. Serial Port Timing Diagram
IOVDD = 1.62 V to 3.63 V, load capacitance = 25 pF, unless otherwise noted.
Table 7. I2S/TDM Timing Parameters
Parameter
Symbol
tMIN
tMAX
Unit
BCLK Pulse Width High
tBIH
10
ns
BCLK Pulse Width Low
tBIL
10
ns
LRCLK Setup Time
tLIS
10
ns
LRCLK Hold Time
tLIH
10
ns
Time from BCLK Falling
tSODM
18
ns
LRCLK
BCLK
SDATA
I2S LEFT CHANNEL
20
BCLKs
I2S RIGHT CHANNEL
TRISTATE
TRISTATE
Figure 14. I2S, CONFIG Pin Tied to IOVDD
SLOT 1
LRCLK
BCLK
SDATA
20
BCLKs
RIGHT
LEFT
SLOT 2
SLOT 3
SLOT 4
SLOT 5
SLOT 6
SLOT 7
SLOT 8
TRISTATE
TRISTATE
TRISTATE
TRISTATE
TRISTATE
TRISTATE
Figure 15. TDM8 Channel 1 and Channel 2, CONFIG Pin Tied to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com